Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL8150 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # QL8150
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8150 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button QL8150 Datasheet HTML 27Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 28Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 29Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 30Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 31Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 32Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 33Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 34Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
‹ 4XLFN/RJLF &RUSRUDWLRQ
ZZZTXLFNORJLFFRP
‡
‡
‡
‡
‡
‡
(FOLSVH,,)DPLO\ 'DWD 6KHHW 5HY %
Preliminary

)LJXUH (FOLSVH,, 2XWSXW 5HJLVWHU &HOO
7DEOH6WDQGDUG ,QSXW'HOD\V
6\PERO
3DUDPHWHU
9DOXH
6WDQGDUG ,QSXW
'HOD\V
7R JHWWKH WRWDOLQSXW GHOD\DGGWKLVGHOD\WRW,68
0LQ
0D[
tSID (LVTTL)
LVTTL input delay: Low Voltage TTL for 3.3 V
applications
-
0.34 ns
tSID (LVCMOS2)
LVCMOS2 input delay: Low Voltage CMOS for 2.5 V
and lower applications
-
0.42 ns
tSID
(LVCMOS18)
LVCMOS18 input delay: Low Voltage CMOS for 1.8
V applications
-
-
tSID (GTL+)
GTL+ input delay: Gunning Transceiver Logic
-
0.68 ns
tSID (SSTL3)
SSTL3 input delay: Stub Series Terminated Logic for
3.3 V
-
0.55 ns
tSID (SSTL2)
SSTL2 input delay: Stub Series Terminated Logic for
2.5 V
-
0.61 ns
PAD
OUTPUT
REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com