Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG102 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REG102
Description  DMOS 250mA Low-Dropout Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG102 Datasheet(HTML) 1 Page - Texas Instruments

  REG102 Datasheet HTML 1Page - Texas Instruments REG102 Datasheet HTML 2Page - Texas Instruments REG102 Datasheet HTML 3Page - Texas Instruments REG102 Datasheet HTML 4Page - Texas Instruments REG102 Datasheet HTML 5Page - Texas Instruments REG102 Datasheet HTML 6Page - Texas Instruments REG102 Datasheet HTML 7Page - Texas Instruments REG102 Datasheet HTML 8Page - Texas Instruments REG102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REG102
SBVS024F – NOVEMBER 2000 – REVISED SEPTEMBER 2005
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000-2005, Texas Instruments Incorporated
DMOS
250mA Low-Dropout Regulator
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
FEATURES
q NEW DMOS TOPOLOGY:
Ultra Low Dropout Voltage:
150mV typ at 250mA
Output Capacitor
not Required for Stability
q FAST TRANSIENT RESPONSE
q VERY LOW NOISE: 28
µVrms
q HIGH ACCURACY:
±1.5% max
q HIGH EFFICIENCY:
IGND = 600µA at IOUT = 250mA
Not Enabled: IGND = 0.01µA
q 2.5V, 2.8V, 2.85V, 3.0V, 3.3V, AND 5.0V
ADJUSTABLE OUTPUT VERSIONS
q OTHER OUTPUT VOLTAGES AVAILABLE UPON
REQUEST
q FOLDBACK CURRENT LIMIT
q THERMAL PROTECTION
q SMALL SURFACE-MOUNT PACKAGES:
SOT23-5, SOT223-5, and SO-8
APPLICATIONS
q PORTABLE COMMUNICATION DEVICES
q BATTERY-POWERED EQUIPMENT
q PERSONAL DIGITAL ASSISTANTS
q MODEMS
q BAR-CODE SCANNERS
q BACKUP POWER SUPPLIES
DESCRIPTION
The REG102 is a family of low-noise, low-dropout linear
regulators with low ground pin current. The new DMOS
topology provides significant improvement over previous
designs, including low-dropout voltage (only 150mV typ at
full load), and better transient performance. In addition, no
output capacitor is required for stability, unlike conventional
low-dropout regulators that are difficult to compensate and
require expensive low ESR capacitors greater than 1
µF.
Typical ground pin current is only 600
µA (at I
OUT = 250mA)
and drops to 10nA when not enabled. Unlike regulators with
PNP pass devices, quiescent current remains relatively con-
stant over load variations and under dropout conditions.
The REG102 has very low output noise (typically 28
µVrms
for VOUT = 3.3V with CNR = 0.01µF), making it ideal for use
in portable communications equipment. On-chip trimming
results in high output voltage accuracy. Accuracy is main-
tained over temperature, line, and load variations. Key pa-
rameters are tested over the specified temperature range
(–40
°C to +85°C).
The REG102 is well protected—internal circuitry provides a
current limit that protects the load from damage; furthermore,
thermal protection circuitry keeps the chip from being dam-
aged by excessive temperature. The REG102 is available in
SOT23-5, SOT223-5, and SO-8 packages.
REG102
(Fixed Voltage
Versions)
Enable
GND
0.1
µF
C
OUT
(1)
+
+
V
OUT
V
IN
NR
NR = Noise Reduction
NOTE: (1) Optional.
REG102-A
GND
Enable
0.1
µF
+
C
OUT
(1)
+
V
OUT
V
IN
R
2
R
1
Adj
REG1
02
REG1
02
All trademarks are the property of their respective owners.


Similar Part No. - REG102

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102 Datasheet
549Kb / 23P
DMOS 250mA Low-Dropout Regulator
REG102 BURR-BROWN-REG102 Datasheet
699Kb / 23P
DMOS 250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
250mA Low-Dropout Regulator
logo
Burr-Brown (TI)
REG102GA-2.5 BURR-BROWN-REG102GA-2.5 Datasheet
549Kb / 23P
DMOS 250mA Low-Dropout Regulator
logo
Texas Instruments
REG102GA-2.5 TI1-REG102GA-2.5 Datasheet
961Kb / 25P
250mA Low-Dropout Regulator
More results

Similar Description - REG102

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
250mA Low Dropout Voltage Regulator
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102_07 Datasheet
549Kb / 23P
DMOS 250mA Low-Dropout Regulator
logo
Monolithic Power System...
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
Low Dropout 250mA Linear Regulator
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
Low Dropout 250mA Linear Regulator
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102_08 Datasheet
699Kb / 23P
DMOS 250mA Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
250mA Low-Dropout Regulator
logo
Monolithic Power System...
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com