Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD85310 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD85310
Description  Panel Timing Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85310 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button FPD85310 Datasheet HTML 7Page - National Semiconductor (TI) FPD85310 Datasheet HTML 8Page - National Semiconductor (TI) FPD85310 Datasheet HTML 9Page - National Semiconductor (TI) FPD85310 Datasheet HTML 10Page - National Semiconductor (TI) FPD85310 Datasheet HTML 11Page - National Semiconductor (TI) FPD85310 Datasheet HTML 12Page - National Semiconductor (TI) FPD85310 Datasheet HTML 13Page - National Semiconductor (TI) FPD85310 Datasheet HTML 14Page - National Semiconductor (TI) FPD85310 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Functional Description (Continued)
TABLE 2. FPD85310 Programmable Register Definition (Continued)
Control
Registers
EEPROM
Address
The control registers provide mode setting information to the input and output interfaces.
Output
Enable/Polarity
Control
DB
[0]
OCLK Enable (1-On, 0-TRI-STATE)
[1]
OCLK Polarity (1-Per Datasheet, 0-Inverted)
[2]
ECLK Enable (1-On, 0-TRI-STATE)
[3]
ECLK Polarity (1-Per Datasheet, 0-Inverted)
[4]
ORGB/OSP/OPOL Enable (1-On, 0-TRI-STATE)
[5]
ERGB/ESP/EPOL Enable (1-On, 0-TRI-STATE)
[7:6]
OSP/ESP Control
[7,6] Output
0,0 Lowest Drive
0,1 ..
1,0 ..
1,1 Highest Drive
Output Drive
Control
D4
[1:0]
OCLK Control
[3:2]
ECLK Control
[5:4]
ORGB/OPOL Control
[7:6]
ERGB/EPOL Control
[A,B]
Output
0,0
Lowest Drive
0,1
..
1,0
..
1,1
Highest Drive
CD Size
D5
[7:0]
= # Data/CD
This number defines how many contiguous pixels are output on the odd and even data
channels for the single port CD interface. CD sizes of up to 128 pixel (384 channel) are
supported. A minimum value of 20H must be programmed regardless of CD interface
used.
Input Format
Control
D6
[0]
Fix Vertical
“0” = Vertical position dependent on first ENAB from VSYNC
“1” = Vertical position dependent on Vertical Backporch Register
[1]
Fix Horizontal
“0” = Horizontal position dependent on ENAB
“1” = Horizontal position dependent on Horizontal Backporch Register
*See
Table 1 for valid mode combinations.
[2]
Enab detection
“0” = Enab detection off
“1” = Enab detection on (detects if Enab is toggling)
Auto Mode switching when Enab detection = “1”
Fix
Vertical
Fix
Horizontal
Enab
Toggling
Operating Mode
0
0
Yes
ENAB ONLY
0
0
No
FV/FH
1
0
Yes
FV/ENAB HORIZ
1
0
No
FV/FH
1
1
X
FV/FH
Note: Input sync. need to be proceeded before RSTZ goes “high” to determine the “Operating
Mode”
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com