Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1407823 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1407823
Description  Master cable - SAC-8P-10,0-PURMC/M12FR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407823 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1407823 Datasheet HTML 1Page - PHOENIX CONTACT 1407823 Datasheet HTML 2Page - PHOENIX CONTACT 1407823 Datasheet HTML 3Page - PHOENIX CONTACT 1407823 Datasheet HTML 4Page - PHOENIX CONTACT 1407823 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1407823
08/02/2016   Page 1 / 5
Master cable - SAC-8P-10,0-PURMC/M12FR - 1407823
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
M12 socket, angled, 8-pos., with connected master cable, for sensor/actuator box with M8 slots, cable length: 10
m
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
480.0 g
Custom tariff number
85444290
Country of origin
Poland
Technical data
Ambient conditions
Ambient temperature (operation)
-25 °C ... 80 °C (Plug / socket)
Degree of protection
IP65
IP67
IP68
General
Rated voltage
30 V
Number of positions
8
Coding
A - standard
Standards/regulations
M12 connector IEC 61076-2-101
Connection method
Fixed connection
Torque
0.4 Nm (M12 connector)
Material
Flammability rating according to UL 94
HB


Similar Part No. - 1407823

ManufacturerPart #DatasheetDescription
logo
raaco Great Britain Ltd
140782 RAACO-140782 Datasheet
8Mb / 148P
raaco Assortment Boxes
logo
PHOENIX CONTACT
1407820 PHOENIX-1407820 Datasheet
272Kb / 8P
SAC-6P- 5,0-PURMC/M12FR - Master cable
1407821 PHOENIX-1407821 Datasheet
63Kb / 4P
Master cable - SAC-6P-10,0-PURMC/M12FR
1407822 PHOENIX-1407822 Datasheet
91Kb / 4P
Master cable - SAC-8P- 5,0-PURMC/M12FR
More results

Similar Description - 1407823

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407821 PHOENIX-1407821 Datasheet
63Kb / 4P
Master cable - SAC-6P-10,0-PURMC/M12FR
1407822 PHOENIX-1407822 Datasheet
91Kb / 4P
Master cable - SAC-8P- 5,0-PURMC/M12FR
1681017 PHOENIX-1681017 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-10,0-PUR/M12FR B
1454299 PHOENIX-1454299 Datasheet
119Kb / 9P
Sensor/actuator cable - SAC-3P-10,0-800/M12FR
09/11/2020
1456983 PHOENIX-1456983 Datasheet
122Kb / 9P
Sensor/actuator cable - SAC-4P-10,0-800/M12FR
09/11/2020
1520372 PHOENIX-1520372 Datasheet
155Kb / 11P
Sensor/actuator cable - SAC-8P-10,0-PUR/M12FS
09/11/2020
1522930 PHOENIX-1522930 Datasheet
167Kb / 12P
Sensor/actuator cable - SAC-8P- 5,0-PUR/M12FR SH
09/11/2020
1696442 PHOENIX-1696442 Datasheet
85Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/10,0-PUR/M12FR
12/07/2018
1522529 PHOENIX-1522529 Datasheet
556Kb / 17P
Sensor/actuator cable - SAC-8P-M12MS/10,0-PUR
Sep 29, 2022
1554034 PHOENIX-1554034 Datasheet
410Kb / 10P
SAC-8P-M12MS/10,0-940/M12FS - Bus system cable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com