Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5117 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5117
Description  3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5117 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5117 Datasheet HTML 1Page - RF Micro Devices RF5117 Datasheet HTML 2Page - RF Micro Devices RF5117 Datasheet HTML 3Page - RF Micro Devices RF5117 Datasheet HTML 4Page - RF Micro Devices RF5117 Datasheet HTML 5Page - RF Micro Devices RF5117 Datasheet HTML 6Page - RF Micro Devices RF5117 Datasheet HTML 7Page - RF Micro Devices RF5117 Datasheet HTML 8Page - RF Micro Devices RF5117 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2-573
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
PWR SEN
BIAS GND1
RF IN
NC
PWR REF
RF OUT
RF OUT
RF OUT
16
15
14
13
5
6
7
8
9
10
11
12
4
3
2
1
Bias
RF5117
3V, 1.8GHz TO 2.8GHz
LINEAR POWER AMPLIFIER
• IEEE802.11B WLAN Applications
• IEEE802.11G WLAN Applications
• 2.5GHz ISM Band Applications
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• Spread-Spectrum and MMDS Systems
The RF5117 is a linear, medium-power, high-efficiency
amplifier IC designed specifically for battery-powered
WLAN applications such as PC cards, mini PCI, and
compact flash applications. The device is manufactured
on an advanced Gallium Arsenide Heterojunction Bipolar
Transistor (HBT) process, and has been designed for use
as the final RF amplifier in 2.5GHz WLAN and other
spread-spectrum transmitters. The device is provided in a
3mmx3mm, 16-pin, leadless chip carrier with a backside
ground. The RF5117 is designed to maintain linearity
over a wide range of supply voltage and power output.
• Single 3.3V Power Supply
• +30dBm Saturated Output Power
• 26dB Small Signal Gain
• High Linearity
• 1800MHz to 2800MHz Frequency Range
• +17dBm PO, 11G, <3% EVM
RF5117
3V, 1.8GHz to 2.8GHz Linear Power Amplifier
RF5117 PCBA
Fully Assembled Evaluation Board
0
Rev A7 041007
1.50 TYP
2 PLCS
0.15 CB
-B-
1.37 TYP
2 PLCS
0.15 CB
2 PLCS
0.15 CA
-A-
3.00 SQ.
2.75 SQ.
2 PLCS
0.15 CA
1.00
0.85
0.05
0.01
0.80
0.65
0.05 C
12°
MAX
-C-
SEATING
PLANE
Shaded lead is pin 1.
Dimensions in mm.
CA B
0.10 M
0.30
0.18
0.60
0.24
TYP
0.50
0.55
0.30
1.65
1.35
SQ.
0.23
0.13
4 PLCS
0.45
0.00
4 PLCS
Package Style: QFN, 16-Pin, 3x3


Similar Part No. - RF5117

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5117 RFMD-RF5117 Datasheet
277Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117 RFMD-RF5117 Datasheet
374Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117C RFMD-RF5117C Datasheet
275Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117C RFMD-RF5117C Datasheet
374Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117CPCBA RFMD-RF5117CPCBA Datasheet
275Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5117

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
3V PCS LINEAR POWER AMPLIFIER
RF5117 RFMD-RF5117_06 Datasheet
277Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117C RFMD-RF5117C Datasheet
275Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_06 Datasheet
203Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
RF5117C RFMD-RF5117C_1 Datasheet
374Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117 RFMD-RF5117_1 Datasheet
374Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com