Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9809 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RT9809
Description  MICRO POWER VOLTAGE DETECTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9809 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RT9809 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9809 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9809 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9809 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9809 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9809 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary
RT9809
DS9809-00 June 2001
www.richtek-ic.com.tw
3
Absolute Maximum Ratings
Terminal Voltage (with Respect to GND)
VDD
-0.3V to 6.0V
All Other Inputs
-0.3V to VDD+0.3V
Input Current, VDD
20mA
Output Current, RESET
20mA
Power Dissipation, PD @ TA = 25
°C
SOT-23
0.25W
Operating Junction Temperature Range
-40
°C ~ 125°C
Storage Temperature Range
-65
°C ~ 125°C
Package Thermal Resistance
SOT-23,
θJA
250
°C /W
Lead Temperature (Soldering, 5sec.)
260
°C
Electrical Characteristics
(VDD = 3.0, unless specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating VDD (VOUT) Range
VDD
0.9
--
6
V
Supply Current
IDD
VDD = 1.5V ~ 5V, IOUT = 0
--
2.5
--
µA
Reset Threshold
VTH
TA = 27
°C
--
Note1
--
V
Threshold Voltage Accuracy
∆VTH
TA = 27
°C
--
--
2
%
VDD = 5V, Drop = -20mV
--
25
--
VCC Drop to Reset Delay
tRD
VDD = 1.5V, Drop = -20mV
--
5
--
µS
Reset Active Time Out Period
tRP
VDD
≥ 1.02×VTH
--
400
--
mS
VOH
VDD > VTH, ISOURCE > 1mA
--
0.8VDD
--
RESET Output Voltage
VOL
VDD < VTH, ISINK > 3.5mA
--
0.2VDD
--
V
Note1: 1.5V ~ 5V, step 0.1V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com