Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC84510AP Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC84510AP
Description  PS/2 SCROLLING MOUSE CONTROLIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC84510AP Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC84510AP Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC84510AP Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC84510AP Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC84510AP Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC84510AP Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC84510AP Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC84510AP Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC84510AP Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC84510AP Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Silan
Semiconductors
SC84510
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
6
FUNCTION DESCRIPTIONS
1. LEGACY PS/2 MOUSE OPERATING
(A) Operating mode
There are four operating modes in PS/2 mouse:
(a) Reset Mode:
In this mode a self-test is initiated during power-on or by a Reset command. After reset signal, PS/2 mouse
will send:
a Completion code AA & ID code 00.
b Set default:
* sampling rate: 100 reports/s
* non-autospeed
* stream mode
* 2 dot/count
* disable
(b) Stream Mode:
The maximum rate of transfer is the programmed sample rate.
Data report is transmitted if
aswitchis pressed
b movement has been detect
(c) Remote Mode:
Data is transmitted only in response to a Read Data command.
(d) Wrap Mode:
Any byte of data sent by the system, except hex EC (Reset wrap mode) or hex FF (Reset), is returned by
SC84510.
(B) PS/2 Mouse Data Report:
(a) In stream mode: A data report is sent at the end of a sample interval.
(b) In remote mode: A data report is sent in response to Read Data command.
(c) Data report format:
Byte
Bit
Description
1
0
Left button status; 1 = pressed
1
Right button status; 1 = pressed
2
Middle button status; 1 = pressed
3
Reserve
4
X data sign; 1 = negative
5
Y data sign; 1 = negative
6
X data overflow; 1 = overflow
7
Y data overflow; 1 = overflow
2
0~7
X data (D0~D7)
3
0~7
Y data (D0~D7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com