Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC84510DP Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC84510DP
Description  PS/2 SCROLLING MOUSE CONTROLIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC84510DP Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SC84510DP Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 11Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Silan
Semiconductors
SC84510
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
7
(C) PS/2 mouse Data Transmission:
(a) SC84510 generates the clocking signal when sending data to and receiving data from the system.
(b) The system requests SC84510 receive system data output by forcing the DATA line to an inactive level and
allowing CLKlinetogotoanactivelevel.
(c) Data transmission frame:
Bit
Function
1
Start bit (always 0)
2~9
Data bits (D0~D7)
10
Parity bit (odd parity)
11
Stop bit (always 1)
(d) Data Output (data from SC84510 to system):
If CLK is low (inhibit status), data is no transmission.
If CLK is high and DATA is low (request-to-send), data is updated. Data is received from the system and
no transmission are started by SC84510 until CLK and DATA both high. If CLK and DATA are both high, the
transmission is ready. DATA is valid prior to the falling edge of CLK and beyond the rising edge of CLK.
During transmission, SC84510 check for line contention by checking for an inactive level on CLK at intervals
not to exceed 100
µ sec. Contention occurs when the system lowers CLK to inhibit SC84510 output after
SC84510 has started a transmission. If this occurs before the rising edge of the tenth clock, SC84510 internal
store its data in its buffer and returns DATA and CLK to an active level. If the contention does not occur by the
tenth clock, the transmission is complete.
Following a transmission, the system inhibits SC84510 by holding CLK low until it can service the input or
until the system receives a request to send a response from SC84510.
(e) Data Input (from system to SC84510):
System first check if SC84510 is transmitting data. If SC84510 is transmitting, the system can override
the output forcing CLK to an inactive level prior to the tenth clock. If SC84510 transmission is beyond the
tenth clock, the system receives the data. If SC84510 is not transmitting or if the system choose to override
the output, the system force CLK to an inactive level for a period of not less than 100
µ sec while preparing for
output. When the system is ready to output start bit (0), it allows CLK go to active level. If request-to-send is
detected, SC84510 clocks 11 bits. Following the tenth clock SC84510 checks for an active level on the DATA
line, and if found, force DATA low, and clock once more. If occurs framing error, SC84510 continue to clock
until DATA is high, then clocks the line control bit and request a Resend. When the system sends out a
command or data transmission that requires a response, the system waits for SC84510 to response before
sending its next output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com