| Electronic Components Datasheet Search |
|
MSOS104A Datasheet(PDF) 39 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
MSOS104A Datasheet(HTML) 39 Page - Keysight Technologies |
|
39 / 42 page ![]() 39 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet Display, computer system, and IO ports Display Display XGA 15” capacitive touch screen Resolution Infiniium application runs with 1024 pixels horizontally x 768 pixels vertically Annotation Up to 100 bookmarks can be inserted into the waveform area. Each can float or be tied to a specific waveform Grids Up to 16 grids per waveform area Waveform windows Up to 8 Waveform styles Connected dots, dots, variable persistence, infinite persistence, color graded infinite persistence Computer system and peripherals, I/O ports Computer system and peripherals Operating system Windows 7 Embedded Standard CPU 3 GHz Intel i5 quad core PC system memory 8 GB RAM Drives ≥ 240 GB removable SSD (solid state drive) Peripherals Optical USB mouse and compact keyboard supplied. All Infiniium models support any Windows-compatible input device with a USB interface LXI compliance LXI class C IO Ports LAN RJ-45 connector, supports 10Base-T, 100Base-T, and 1000Base-T. Enables Web-enabled remote control, email on trigger, data/file transfers and network printing USB 7 total ports: – Two USB 2.0 ports on the front – Four USB ports on the side (two are USB 3.0 and two are USB 2.0) – One USB 3.0 port on side supporting up to 200 MB/s data offload External display Drivers support up to two simultaneous displays DisplayPort and VGA video out Trigger out TTL levels into high impedance load Auxiliary output DC (± 2.4 V), square wave Time base reference output Amplitude into 50 Ω: 1.65 Vpp ± 50 mV sine wave (8.3 dBm ± 0.3 dB) regardless of whether it is derived from the internal or the external reference Frequency from internal reference: 10 MHz ± 100 ppb if it has been calibrated within the last year Time base external reference input (impedance into 50 Ω) Frequency: 10 MHz ± 20 ppm Amplitude: 356 mVpp (–5 dBm) minimum to 5 Vpp (+18 dBm) maximum File types Oscilloscope waveforms: Compressed *.wfm, *.bin, *.h5, and *.osc composite (setup and waveforms) Internal formats Larger formats *.csv, *.tsv, and*.txt Digital waveform Support in .osc or .h5 formats Images .bmp, .tiff, .gif, .png or .jpg Infiniium S-Series Performance Characteristics (Continued) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |