Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSOS804A Datasheet(PDF) 6 Page - Keysight Technologies

Part # MSOS804A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS804A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button MSOS804A Datasheet HTML 2Page - Keysight Technologies MSOS804A Datasheet HTML 3Page - Keysight Technologies MSOS804A Datasheet HTML 4Page - Keysight Technologies MSOS804A Datasheet HTML 5Page - Keysight Technologies MSOS804A Datasheet HTML 6Page - Keysight Technologies MSOS804A Datasheet HTML 7Page - Keysight Technologies MSOS804A Datasheet HTML 8Page - Keysight Technologies MSOS804A Datasheet HTML 9Page - Keysight Technologies MSOS804A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
06 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Most Advanced Platform
S-Series next-generation technology enables superior measurements
S-Series platform standard features
240 GB removable SSD
– Fast boot up
– Increased reliability
– Easy to remove for secure environments
Powerful motherboard
– 3 GHz Intel i5 quad core processor with 8 GB RAM for fast computations — even with
advanced math and deep memory
– IO
– Ethernet 10/100/1000bT
– 6 USB device ports (2 in front, 4 on side two of which are USB 3.0)
– DisplayPort and VGA video out. Drivers support up to two simultaneous displays
Fast data offload
Have an application that requires programmatically accessing oscilloscope data?
– USB 3.0 for up to 200 MB/s offload
– 1000bT Ethernet for up to 80 MB/s offload
Touch-screen innovation
S-Series oscilloscopes incorporate a capacitive touch screen. In
addition, Infiniium software includes a large number of touch-
friendly enhancements including handles, enlarged touch fields
when touch is enabled, and gestures (multi-touch).
Fast offload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com