Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG102GA-2.5/2K5 Datasheet(PDF) 4 Page - Texas Instruments

Part # REG102GA-2.5/2K5
Description  DMOS 250mA Low-Dropout Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG102GA-2.5/2K5 Datasheet(HTML) 4 Page - Texas Instruments

  REG102GA-2.5/2K5 Datasheet HTML 1Page - Texas Instruments REG102GA-2.5/2K5 Datasheet HTML 2Page - Texas Instruments REG102GA-2.5/2K5 Datasheet HTML 3Page - Texas Instruments REG102GA-2.5/2K5 Datasheet HTML 4Page - Texas Instruments REG102GA-2.5/2K5 Datasheet HTML 5Page - Texas Instruments REG102GA-2.5/2K5 Datasheet HTML 6Page - Texas Instruments REG102GA-2.5/2K5 Datasheet HTML 7Page - Texas Instruments REG102GA-2.5/2K5 Datasheet HTML 8Page - Texas Instruments REG102GA-2.5/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REG102
4
SBVS024F
www.ti.com
TYPICAL CHARACTERISTICS
For all models, at TJ = +25°C and VENABLE = 1.8V, unless otherwise noted.
50
0
100
25
75
150
125
175 200
225
250
0.80
0.60
0.40
0.20
0
–0.20
–0.40
–0.60
–0.80
I
OUT (mA)
OUTPUT VOLTAGE CHANGE vs I
OUT
(V
IN = VOUT + 1V, Output Voltage % Change
Referred to I
OUT = 125mA at +25°C)
–55
°C
+125
°C
+25
°C
–25
–50
0
75
25
50
100
125
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
Temperature (
°C)
LOAD REGULATION vs TEMPERATURE
(V
IN = VOUT + 1V)
5mA < I
OUT < 250mA
25mA < I
OUT < 250mA
01
2
3
4
5
8
67
20
15
10
5
0
–5
–10
–15
–20
V
IN – VOUT (V)
LINE REGULATION
(Referred to V
IN = VOUT + 1V at IOUT = 125mA)
I
OUT = 5mA
All Fixed Output
Voltage Versions
I
OUT = 125mA
I
OUT = 250mA
–50
–25
0
25
50
75
100
125
0
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
Temperature (
°C)
LINE REGULATION vs TEMPERATURE
I
OUT = 250mA
(V
OUT + 1V) < VIN < 10V
(V
OUT + 0.4V) < VIN < 10V
0
50
150
100
200
250
+125
°C
250
200
150
100
50
0
I
OUT (mA)
DC DROPOUT VOLTAGE vs I
OUT
+25
°C
–55
°C
–50
125
100
75
50
25
0
–25
250
200
150
100
50
0
Temperature (
°C)
DC DROPOUT VOLTAGE vs TEMPERATURE
I
OUT = 250mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com