Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2102 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # 2102
Description  SWITCH-MODE TRANSFORMER GUIDE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

2102 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  2102 Datasheet HTML 1Page - Pulse A Technitrol Company 2102 Datasheet HTML 2Page - Pulse A Technitrol Company 2102 Datasheet HTML 3Page - Pulse A Technitrol Company 2102 Datasheet HTML 4Page - Pulse A Technitrol Company 2102 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
46
www.pulseeng.com
G003.U (2/07)
Pulse offers a complete range of Switch-Mode Transformers in various technologies (slot, layer and triple insulation wire) used for power
supplies in television, set-top boxes, satellite receivers, DVD players, telephone chargers, and white goods. Pulse also offers a new range
of specific magnetics for LCD TV power supplies and inverters to meet the growing, worldwide demand for flat-screen televisions.
These innovative, components are manufactured in state-of-the-art, modern facilities. Switch-Mode Transformers, as well as new LCD
components are produced in one of four different factories in China, depending on the technology.
The products mentioned in this section serve as an overview of Pulse’s Consumer magnetics product line. For more information about
Consumer products, contact Pulse Consumer Division Applications Engineering via e-mail at
consumer@pulseeng.com.
SWITCH-MODE TRANSFORMER GUIDE BY TECHNOLOGY
Series
Ferrite
Pins
Technology
Pin Spacing
Pitch
Power Input
Application
(Part Number)
(mm)
(mm)
@ 50 kHz (W)
2182
E30/15/7
3 + 3
Slot
16.5
7.5
30
PFC (dynamic focus transformer)
2414
ETD29X16X10
7 + 7
Slot
17.5
5
40
14"-15" CTV 90° and satellite receiver
2444
ETD29X15X10
9 + 9
Slot
20
4
40
14"-15" CTV 90° DVD and satellite receiver
2464
ETD29X11X10
7 + 7
Slot
17.5
5
40
DVD, digital/analog satellite receiver
2074
ETD34X13X11
7 + 7
Slot
27.5
5
40
14"-15" CTV 90° and satellite receiver
2074.5
ETD34X17X11
7 + 7
Slot
27.5
5
60
14"-15" CTV 90°
2084
ETD39X17X13
8 + 8
Slot
27.5
5
90
17"-20" CTV 90°
2094
ER48X18X18
9 + 9
Slot
27.5
5
190
25"-29" CTV 110°
2344
ER54X20X18
11 +11
Slot
27.5
5
250
High-end CTV 110°
2354
E42X21X15
9 + 9
Slot
27.5
5
130
High-end CTV 110°
2502
ER28X17X11 (VERTICAL)
9 + 9
Layer
20
4
40
14"- 90° color TV
2502.5
ER28X17X11 (HORIZONTAL)
6 + 6
Layer
20
4
40
Set-top Box
2512
ER35X21X11
6 + 6
Layer
22.5
5
60
14"÷21" - 90°
2522
ER39X23X13
8 + 8
Layer
24.8
5
90
17"÷21" - 90°
2532
ER42X23X15
7 + 7
Layer
25.2
5
120
110° Color TV
2542
ER49X25X16
9 + 9
Layer
27.5
5
200
25"÷29" 110° Color TV
2552
ER53X23X21
9 + 9
Layer
32
5
250
28"÷34" 110° Color TV
2562
ETD34X17X11
7 + 7
Layer
25.2
5
70
14"-15" CTV 90°
2102
ER48X22X21
11 +11
Layer
27.5
5
300
25"-29" CTV 110°
2722
PQ32/20
6 + 6
Layer
30,5
5
90
LCD TV 26"
2732
PQ32/30
6 + 6
Layer
30.5
5
170
LCD TV 26"-32"
2742
PQ40/40
6 + 6
Layer
38.1
5,08/
350
LCD TV 37"-42"
15,24
2432
E13X7X4
4 + 4
TIW
18.5
5
4
Battery chargers
2182.5
E30/15/7
6 + 6
TIW
25
5
30
LCD 22"
2252
ETD29X11X10
9 + 9
TIW
20
4
30
Satellite receiver
2262
E16X8X5
4 + 4
TIW
15
3.75
8
Battery chargers, stand-by circuits, white goods
2262.5
E16X8X5
5 + 4
TIW
15
3.75
8
Battery chargers, stand-by circuits, white goods
2362
E20X10X6
4 + 4
TIW
16.25
5
18
Battery chargers, stand-by circuits, Set-top Box
2361
E20X10X6
4 + 4
TIW
16.25
5
18
Not mains insulated SMT
2362.3
E20X10X6
5 + 5
TIW
15
3.75
18
Battery chargers, stand-by circuits, Set-top Box
2362.5
E20X10X6
5 + 5
TIW
20
5
18
Battery chargers, stand-by circuits, Set-top Box
2362.7
E20/10/6
5 + 5
TIW
16.25
3.81
18
Set-top Box, White goods
2452
E25X13X7
5 + 5
TIW
20.32
5
25
DVD, satellite receiver
2452.7
E25X13X7
5 + 5
TIW
20.32
5
25
DVD, satellite receiver for slim version
2472
E25X16X6
7 + 7
TIW
27
4
30
DVD, satellite receiver for slim version
For more information, contact Pulse Consumer Division Applications Engineering via e-mail at: consumer@pulseeng.com.
CONSUMER PRODUCTS
Consumer Products


Similar Part No. - 2102

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
2102 GILWAY-2102 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
logo
XFMRS Inc.
2102 XFMRS-2102 Datasheet
769Kb / 8P
QUAD PORT MODULE
logo
Belden Inc.
2102 BELDEN-2102 Datasheet
492Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Sealevel Systems, Inc.
2102 SEALEVEL-2102 Datasheet
254Kb / 2P
USB to 1-Port RS-422, RS-485, RS-530 DB25 Serial Interface Adapter
logo
Adafruit Industries
2102 ADAFRUIT-2102 Datasheet
526Kb / 2P
IDC Breakout Helper - 2x5 (10 pin)
More results

Similar Description - 2102

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-693 RHOMBUS-IND-T-693 Datasheet
37Kb / 1P
SWITCH MODE TRANSFORMER
9/29/99
T-1037 RHOMBUS-IND-T-1037 Datasheet
38Kb / 1P
SWITCH MODE TRANSFORMER
12/11/01
T-1307 RHOMBUS-IND-T-1307_1 Datasheet
39Kb / 1P
SWITCH MODE TRANSFORMER
8/31/95
logo
Allied Components Inter...
AEE13-3740 ALLIED-AEE13-3740 Datasheet
536Kb / 2P
Switch Mode Transformer
logo
Honeywell Solid State E...
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
MICRO SWITCH??Basic Switches Line Guide
logo
Honeywell Accelerometer...
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
MICRO SWITCH Basic Switches Line Guide
logo
Coilcraft lnc.
RA6999 COILCRAFT-RA6999_14 Datasheet
187Kb / 1P
Forward Mode Transformer
logo
Microchip Technology
RN4677 MICROCHIP-RN4677 Datasheet
464Kb / 31P
Bluetooth 4.0 Dual Mode Module Users Guide
01/27/15
logo
List of Unclassifed Man...
ZMPT101B ETC2-ZMPT101B Datasheet
117Kb / 4P
ZMPT101B(ZMPT107) voltage transformer operating guide
logo
Pulse A Technitrol Comp...
PH0256NL PULSE-PH0256NL Datasheet
621Kb / 4P
Switch Mode Transformer for AC/DC offline Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com