Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2182.5 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # 2182.5
Description  SWITCH-MODE TRANSFORMER GUIDE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

2182.5 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  2182.5 Datasheet HTML 1Page - Pulse A Technitrol Company 2182.5 Datasheet HTML 2Page - Pulse A Technitrol Company 2182.5 Datasheet HTML 3Page - Pulse A Technitrol Company 2182.5 Datasheet HTML 4Page - Pulse A Technitrol Company 2182.5 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
48
www.pulseeng.com
G003.U (2/07)
Mains Filter
Series 6001 – Frame-core Mains Filter*
Applications
These chokes are mainly intended to be used as common-mode
EMC mains filters for 22” to 42” LCD TV sets to make them comply
with the EN55022 standard.
Features
● Magnetic circuit of these chokes consists of ET-type/FT-type
closed cores made by high-performance soft ferrite
● Slot technology, enameled copper wire
● Compact size even for high mains current values
● High impedance and very low leakage flux
● Low interwinding capacitance
Mechanical and Magnetic Data
● Low-profile horizontal coil-formers result in a component height down
to 18mm above the PCB
● Component height above the PCB according to the ferrite size
● Maximum horizontal dimensions: 35mm x 35mm
Options
● Customized pinout and inductance value
● Available core size range: ET 20~35
* Not shown here.
Layer SMT 250 W/200 W
Series 2712 (standard core), Series 2702 (low-profile core), Power Supply
Switch-Mode Transformers
Applications
These transformers are mainly intended to be used as Switch-Mode Transformers in high-end 26” to
42” LCD TV sets with mains insulation. The most suitable circuit topologies for these transformers are
one-transistor (standard core) or half-bridge (low-profile core) forward converters. The common range of
operation for these Switch-Mode Transformers is from 100 kHz to 200 kHz.
Features
● Magnetic circuit of these transformers consists of two RM14-type ferrite cores having a round
central leg where the windings and the air gap are placed
● Maximum primary power: 200 W @ 150 kHz for low-profile RM14; 250 W @150 kHz for
standard RM14
● Layer technology, enameled and TIW Lizt wire recommended for proximity and skin effects reduction
● Copper-foil windings for high-current outputs
● Mains insulation according to IEC60065 and IEC60950 safety standards
Mechanical and Magnetic Data
● Pinout configuration: 12 in-line pins (6+6) with 35.6mm spacing
and 5.08mm pitch
● Ferrite core can be either standard or low-profile RM14-type,
leading to a transformer height down to 21mm above the PCB
● Maximum horizontal dimensions: 42mm x 44mm
(47mm x 44mm including mounting clips)
Options
● Customized electrical design and pinout
● Mounting clips
● Total height above PCB: 30mm for standard RM14; 21mm for
low-profile RM14
LCD TV & PLASMA TV COMPONENTS
(continued)
For more information, contact Pulse Consumer Division Applications Engineering via e-mail at: consumer@pulseeng.com.
CONSUMER PRODUCTS
Consumer Products



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com