Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86115D2 Datasheet(PDF) 31 Page - Keysight Technologies

Part # 86115D2
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D2 Datasheet(HTML) 31 Page - Keysight Technologies

Back Button 86115D2 Datasheet HTML 27Page - Keysight Technologies 86115D2 Datasheet HTML 28Page - Keysight Technologies 86115D2 Datasheet HTML 29Page - Keysight Technologies 86115D2 Datasheet HTML 30Page - Keysight Technologies 86115D2 Datasheet HTML 31Page - Keysight Technologies 86115D2 Datasheet HTML 32Page - Keysight Technologies 86115D2 Datasheet HTML 33Page - Keysight Technologies 86115D2 Datasheet HTML 34Page - Keysight Technologies 86115D2 Datasheet HTML 35Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
31 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
86100D
Infiniium DCA-X mainframe
86100D
Hardware options
86100D-STR
Standard trigger
86100D-ETR
Enhanced trigger
86100DU-ETR Enhanced trigger upgrade kit
86100D-PTB
Precision timebase integrated in the mainframe
86100DU-PTB Upgrade mainframe with integrated precision timebase
86100D-GPI
GPIB card interface installed (default)
86100D-GPN
No GPIB card interface
86100D-090
Removable hard drive
86100D-092
Internal hard drive (default)
86100D software options
86100D-xxx
Are permanent fixed-node licenses installed by the
factory
86100DU-xxx
Are permanent fixed-node licenses installed by the
customer (software upgrades)
86100DT-xxx
Are permanent transportable licenses installed by the
customer
The “-xxx” option code provides the same functionality independent of the
prefix (i.e., 86100D or 86100DU or 86100DT)
86100D-BFP
Automatic fixture removal
86100D-061
MATLAB - Basic Oscilloscope package
86100D-062
MATLAB - Standard Oscilloscope package
86100D-200
Enhanced jitter analysis software
86100D-201
Advanced waveform analysis software
86100D-202
Enhanced impedance and S-parameter software
86100D-300
Amplitude analysis/RIN/Q-factor
86100DU-400 PLL and jitter spectrum software 1
86100D-401
Advanced EYE analysis software 1
86100D-SIM
InfiniiSim-DCA software
86100D-500
Productivity package software
86100D-9FP
PAM-N analysis software, fixed perpetual license
N1012A
OIF CEI compliance and debug application
N1014A
SFF-8431 compliance and debug application
N1019A
User-defined application
N1081A
IEEE 802.3 KR/KR4 application
N1082A
IEEE 802.3bj XLAUI, CAUI-10 and nPPI; IEEE 802.3bm
CAUI-4 (Option -4TP)
N1083A
IEEE 802.3 40GBASE-CR4 and 100GBASE-CR10
N1084A
IEEE802.3 KR4/CR4 application
Misc options
86100D-AFP
Module slot filler panel
86100D-AX4
Rack mount flange kit
86100D-AXE
Rack mount flange kit with handles
86100D-UK6
Commercial cal certificate with test data
86100DU-WN7 Upgrade to Windows 7 operating system
Note:
– Option BFP requires Option 202.
– For complete PAM4 analysis capability, Option 9FP requires Options
200/201/300/401.
– Options 200, 201, and SIM require Option ETR (enhanced trigger).
– Option 300 requires Options 200 and ETR.
– Option 400 requires Microsoft Office Excel 2007/2010.
Optical/electrical modules
86105C
9 GHz optical channel; single-mode and multimode,
amplified (750 to 1650 nm) 20 GHz electrical channel
86105C-100
155 Mb/s through 8.5 Gb/s (choose 4 filter rates from
Options 86105C-110 through 86105C-195)
86105C-110
155 Mb/s
86105C-120
622 Mb/s (also covers 614 Mb/s)
86105C-130
1.063 Gb/s
86105C-140
1.244/1.250 Gb/s (also covers 1.229 Mb/s)
1. Fixed node customer installed or transportable customer installed
(86100DU or 86100DT). Not available as a factory-installed license.
2. This module is not compatible with the 86100A and 86100B DCA
mainframes. If you want to upgrade older DCAs, contact Keysight
Technologies to discuss current trade-in deals.
3. System impulse response correction calibration provides a unique
calibration file for the optical channel(s). The FlexDCA user interface uses
this calibration file to create ideal reference receiver responses for more
accurate and consistent transceiver compliance testing. IRC also allows
reference receivers to be defined at any data rate within ± 50% of the
hardware response. This allows optical receivers to significantly extend
their operating range.
4. A 15 Gb/s filter is provided with Option 281 and 282 that closely
approximates the response required for 16X Fibre Channel compliance
testing. Contact Keysight for a special option that verifies compliance
of the 86105D-281 and 86115D-282 to the 16X Fibre Channel reference
receiver specification.
Ordering Information
Optical/electrical modules (Continued)
86105C-150 2.125 Gb/s
86105C-160 2.488/2.500 Gb/s (also covers 2.458 Gb/s)
86105C-170 2.666 Gb/s
86105C-180 3.125 Gb/s (also covers 3.072 Gb/s)
86105C-190 4.250 Gb/s
86105C-193 5.0 Gb/s
86105C-195 6.250 Gb/s (also covers 6.144 Gb/s)
86105C-200 8.5, 9.953, 10.3125, 10.519, 10.664, 10.709, 11.096,
11.317 Gb/s
86105C-300 Combination of rates available in 86105C-100 and
86105C-200
86105D2
20 GHz optical channel; single-mode and multimode,
(750 to 1650 nm); filters for 8.5, 9.953, 10.3125, 10.519,
10.664, 10.709, 11.096, 11.317, 14.025 Gb/s; 35 GHz
electrical channel
86105D-100 Identical capability as 86105D, 14.025 Gb/s filter not
included
86105D-200 Identical capability as 86105D, only filter provided is
14.025 Gb/s
86105D-IRC 3 System impulse response correction calibration
86105D-281 34 GHz optical channel, filters for 15, 25.78 , 27.95, 28.05
Gb/s (contact Keysight for additional 14.025 Gb/s filter) 4.
50 GHz electrical channel
86115D 2
20 GHz multi-optical port plug-in module; single-mode and
multimode (750 to 1650 nm); filters for 8.5, 9.953, 10.3125,
10.519, 10.664, 10.709, 11.096, 11.317, 14.025 Gb/s
86115D-002 Two optical channels with filters for all rates listed (8.5 to
14.025 Gb/s)
86115D-102
Identical capability as 86115D-002, 14.025 Gb/s filters not
included
86115D-142
Identical capability as 86115D-002, only filters provided
are 14.025 Gb/s
86115D-282 Two optical channels with filters for 15, 25.78, 27.95, 28.05
Gb/s (contact Keysight for 14.025 Gb/s filter) 4
86115D-004 Four optical ports with filters for all rates listed (8.5 to
14.025 Gb/s) mulitplexed to two optical channels through 2
integral 1X2 optical switches
86115D-104
Identical capability as 86115D-004, 14.025 Gb/s filters not
included
86115D-144
Identical capability as 86115D-004, only filters provided
are 14.025 Gb/s
86115D-IRC
System impulse response correction calibration
86116C 2
40 to 65 GHz optical/80 GHz electrical sampling module,
1300 to 1620 nm
86116C-IRC 3 System impulse response correction calibration
This module is not compatible with the 86100A and 86100B DCA
mainframes. If you want to upgrade older DCAs, contact Keysight
Technologies to discuss current trade-in deals. All optical modules have
FC/PC connectors installed on each optical port. Other connector adapters
available as options are: Diamond HMS-10, DIN, ST and SC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com