Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF147J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF147J
Description  Wide Bandwidth Quad JFET Input Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF147J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LF147J Datasheet HTML 1Page - National Semiconductor (TI) LF147J Datasheet HTML 2Page - National Semiconductor (TI) LF147J Datasheet HTML 3Page - National Semiconductor (TI) LF147J Datasheet HTML 4Page - National Semiconductor (TI) LF147J Datasheet HTML 5Page - National Semiconductor (TI) LF147J Datasheet HTML 6Page - National Semiconductor (TI) LF147J Datasheet HTML 7Page - National Semiconductor (TI) LF147J Datasheet HTML 8Page - National Semiconductor (TI) LF147J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LF147/LF347
Wide Bandwidth Quad JFET Input Operational Amplifiers
General Description
The LF147 is a low cost, high speed quad JFET input opera-
tional amplifier with an internally trimmed input offset voltage
(BI-FET II™ technology). The device requires a low supply
current and yet maintains a large gain bandwidth product
and a fast slew rate. In addition, well matched high voltage
JFET input devices provide very low input bias and offset
currents. The LF147 is pin compatible with the standard
LM148. This feature allows designers to immediately up-
grade the overall performance of existing LF148 and LM124
designs.
The LF147 may be used in applications such as high speed
integrators, fast D/A converters, sample-and-hold circuits
and many other circuits requiring low input offset voltage,
low input bias current, high input impedance, high slew rate
and wide bandwidth. The device has low noise and offset
voltage drift.
Features
n Internally trimmed offset voltage:
5 mV max
n Low input bias current:
50 pA
n Low input noise current:
n Wide gain bandwidth:
4 MHz
n High slew rate:
13 V/µs
n Low supply current:
7.2 mA
n High input impedance:
10
12
Ω
n Low total harmonic distortion AV=10,:
<0.02%
R
L=10k, VO=20 Vp-p, BW=20 Hz−20 kHz
n Low 1/f noise corner:
50 Hz
n Fast settling time to 0.01%:2 µs
Simplified Schematic
Connection Diagram
BI-FET II™ is a trademark of National Semiconductor Corporation.
1
⁄4 Quad
DS005647-13
Dual-In-Line Package
DS005647-1
Note 1: Available per SMD #8102306, JM38510/11906.
Top View
Order Number LF147J, LF347M, LF347BN,
LF347N or LF147J/883 (Note 1)
See NS Package Number J14A, M14A or N14A
May 1999
© 1999 National Semiconductor Corporation
DS005647
www.national.com


Similar Part No. - LF147J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF147J NSC-LF147J Datasheet
77Kb / 9P
WIDE BANDWIDTH QUAD JFER INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF147J TI1-LF147J Datasheet
1Mb / 21P
LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147J TI1-LF147J Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147J TI2-LF147J Datasheet
1Mb / 26P
LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers
REVISED MARCH 2013
LF147J-SMD TI1-LF147J-SMD Datasheet
839Kb / 18P
LF147QML Wide Bandwidth Quad JFET Input Operational Amplifier
More results

Similar Description - LF147J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF453 NSC-LF453 Datasheet
219Kb / 8P
LF453 Wide-Bandwidth Dual JFET-Input Operational Amplifiers
MJLF147-X NSC-MJLF147-X Datasheet
75Kb / 11P
WIDE BANDWIDTH QUAD JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF147JAN TI1-LF147JAN Datasheet
837Kb / 18P
LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
LF147QML TI1-LF147QML Datasheet
839Kb / 18P
LF147QML Wide Bandwidth Quad JFET Input Operational Amplifier
logo
STMicroelectronics
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
Wide bandwidth dual JFET operational amplifiers
25-Mar-2010
logo
Texas Instruments
LF347MX TI1-LF347MX Datasheet
1Mb / 21P
LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147 TI1-LF147 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147 TI1-LF147_16 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
Wide Bandwidth Quad JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_V01 Datasheet
1Mb / 20P
LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com