Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL3065 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL3065
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3065 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL3065 Datasheet HTML 1Page - Diodes Incorporated AL3065 Datasheet HTML 2Page - Diodes Incorporated AL3065 Datasheet HTML 3Page - Diodes Incorporated AL3065 Datasheet HTML 4Page - Diodes Incorporated AL3065 Datasheet HTML 5Page - Diodes Incorporated AL3065 Datasheet HTML 6Page - Diodes Incorporated AL3065 Datasheet HTML 7Page - Diodes Incorporated AL3065 Datasheet HTML 8Page - Diodes Incorporated AL3065 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AL3065
Document number: DS37677 Rev. 1 - 2
2 of 15
www.diodes.com
April 2015
© Diodes Incorporated
AL3065
Pin Descriptions
Pin Number
Pin Name
Function
1
CH4
LED current sink 4. Leave the pin open directly if not used.
2
ISET
LED current set pin. The corresponding maximum current of all 4 strings is set through connecting a
resister from this pin to GND.
3
OVP
Overvoltage protection pin. When the OVP pin voltage exceeds 2.0V, the OVP is triggered and the power
switch is turned off. When the OVP pin voltage drops below Hysteresis voltage, the OVP is released and
the power switch will resume normal operation.
4
RT
Frequency control pin.
5
EN
ON/OFF control pin. Forcing this pin voltage above 2.4V enables the IC while below 0.5V shuts down the
IC. When the IC is in shutdown mode, all functions are disabled to reduce the supply current below 3µA.
6
CS
Power switch current sense input.
7
OUT
Boost converter power switch gate output. This pin outputs high voltage (10V) to drive the external N-
MOSFET.
8
VCC
10V linear regulator output pin. This pin should be bypassed to GND with a ceramic capacitor.
9
VIN
Supply input pin. A capacitor (typical 10µF) should be connected between the VIN and GND to keep the
DC input voltage constant.
10
ADIM
Analog dimming pin, used in conjunction with DIM. When a DC voltage between 0V and 1.5V is applied
to this pin analog dimming is achieved if DIM is tied HIGH. When a capacitor is connected between this
pin and GND, the PWM signal applied to the DIM pin is filtered and modulates the output current. When
this pin is connected to a HIGH level, direct PWM dimming is achieved.
11
COMP
Soft-start and control loop compensation.
12
DIM
PWM dimming control pin, used in conjunction with ADIM. Apply the PWM signal to this pin. Tie this pin
to logic HIGH level, for analog dimming.
13
CH1
LED current sink 1. Leave the pin open directly if not used.
14
CH2
LED current sink 2. Leave the pin open directly if not used.
15
GND
Ground
16
CH3
LED current sink 3. Leave the pin open directly if not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com