Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL1794 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL1794
Description  Analog and PWM Dimming
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1794 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL1794 Datasheet HTML 1Page - Diodes Incorporated AL1794 Datasheet HTML 2Page - Diodes Incorporated AL1794 Datasheet HTML 3Page - Diodes Incorporated AL1794 Datasheet HTML 4Page - Diodes Incorporated AL1794 Datasheet HTML 5Page - Diodes Incorporated AL1794 Datasheet HTML 6Page - Diodes Incorporated AL1794 Datasheet HTML 7Page - Diodes Incorporated AL1794 Datasheet HTML 8Page - Diodes Incorporated AL1794 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AL1791/1792/1793/1794
Document number:37957 Rev. 3 - 2
3 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AL1791/1792/1793/1794
Typical Applications Circuit (continued)
EN
PWM1
PWM2
PWM3
FAULTB
REF
GND
LED1
LED2
LED3
3.3V
RFAULT
RSET1
VIN
VLED1
Wireless/Color
management
MCU
AP3983C
AC-DC
Conversion
85~265Vac
AL1793
LEDPG
RLEDPG
VIN adjustment
signal
VLED2
G
R
B
EN
PWM1
FAULTB
REF
GND
LED1
VIN
AL1791
LEDPG
W
RSET2
Figure 4. 4-Channel White+Tunable RGB
Detailed Description
The AL1791, AL1792, AL1793, and AL1794 are single-channel, dual-channel, triple-channel, and four-channel, respectively, ratio-optimized
constant-current regulators optimized for Tunable White and Tunable Color, Smart Lighting applications. The maximum current channel can drive
up to 500mA with a total driving current up to 1.0A, 1.5A, and 1.5A for AL1792, AL1793, and AL1794 respectively. The maximum current for
AL1791 is 1A (refer to Table 1 below). The minimum channel current is recommended as in Table 2 in order to meet channel current accuracy and
short protection specifications. Each channel can still be individually controlled by either digital PWM dimming down to 0.10%@1KHz,
0.4%@4KHz, or 1.0%@10KHz or analog dimming. The integrated low-side current sinks allow LED common-anode connections for cost
effectiveness or different anode voltages for efficiency optimization.
AL179x
Channel 1
Channel 2
Channel 3
Channel 4
Total IC Current
AL1791
1.0A
X
X
X
1.0A
AL1792
0.5A
0.5A
X
X
1.0A
AL1793
0.5A
0.5A
0.5A
X
1.5A
AL1794
0.5A
0.5A
0.375A
0.125A
1.5A
Table 1 Recommended Maximum Channel Current and Total IC Current for AL179x
AL179x
Channel 1
Channel 2
Channel 3
Channel 4
Total IC Current
AL1791
0.2A
X
X
X
0.2A
AL1792
0.1A
0.1A
X
X
0.2A
AL1793
0.1A
0.1A
0.1A
X
0.3A
AL1794
0.1A
0.1A
0.075A
0.025A
0.3A
Table 2 Recommended Minimum Channel Current and Total IC Current for AL179x
The device detects fault conditions and reports its status on FAULTB pin. It features LED open detection, LED short detection, Over-Temperature
Protection (OTP), and Undervoltage Lockout (UVLO). The AL179x provides supreme current matching between channels and devices. Along with
bus-mode fault reporting, multiple devices can be employed together to increase current driving capability or channel count versatility.
Enable and Soft-Start
The AL179x is enabled when the voltage at EN pin is greater than approximately 2.5V, and disabled when it is lower than 0.4V. When EN pin is
asserted high and VIN pin is ramped up beyond minimum operation voltage, a soft-start will be performed with a slew-rate-controlled current ramp
over 100μS at LEDx output pins to minimize current overshoot through LED strings for optimal system reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com