Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL5802LP4 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AL5802LP4
Description  30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802LP4 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AL5802LP4 Datasheet HTML 2Page - Diodes Incorporated AL5802LP4 Datasheet HTML 3Page - Diodes Incorporated AL5802LP4 Datasheet HTML 4Page - Diodes Incorporated AL5802LP4 Datasheet HTML 5Page - Diodes Incorporated AL5802LP4 Datasheet HTML 6Page - Diodes Incorporated AL5802LP4 Datasheet HTML 7Page - Diodes Incorporated AL5802LP4 Datasheet HTML 8Page - Diodes Incorporated AL5802LP4 Datasheet HTML 9Page - Diodes Incorporated AL5802LP4 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AL5802LP4
Document number: DS37441 Rev. 4 - 2
7 of 10
www.diodes.com
February 2016
© Diodes Incorporated
AL5802LP4
Application Information
The AL5802LP4 is designed for driving low current LEDs with typical LED currents of 10mA to 100mA. It provides a cost effective way of driving
low current LEDs compared with more complex switching regulator solutions. Furthermore, it reduces the PCB board area of the solution as there
is no need for external components like inductors, capacitors and switching diodes.
Figure 12 shows a typical application circuit diagram for driving an LED or string of LEDs. The NPN transistor Q1 measures the LED current by
sensing the voltage across an external resistor REXT. Q1 uses its VBE as reference to set the voltage across REXT and controls the base current into
Q2. Q2 operates in linear mode to regulate the LED current. The LED current is:
ILED = VBE(Q1) / REXT
From this, for any required LED current the necessary external resistor REXT can be calculated from:
REXT = VBE(Q1) / ILED
Two or more AL5802LP4 can be connected in parallel to construct higher current LED strings as shown in Figure 13.
Consideration of the expected linear mode power dissipation must be factored into the design, with respect to the AL5802LP4's thermal resistance.
The maximum voltage across the device can be calculated by taking the maximum supply voltage less the voltage across the LED string.
VCE(Q2) = VCC – VLED – VBE(Q1)
PD = VCE(Q2) * ILED + ( VCC – VBE(Q2) – VBE(Q1))
2 / R1
As the output current of AL5802LP4 increases, it is necessary to provide appropriate thermal relief to the device. The power dissipation supported
by the device is dependent upon the PCB board material, the copper area and the ambient temperature. The maximum dissipation the device can
handle is given by:
PD = (TJ(MAX) - TA) /RθJA
Figure 12 Typical Application Circuit for
Linear Mode Current Sink LED Driver
Figure 13 Application Circuit for Increasing LED Current



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com