Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72561AR6 Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST72561AR6
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561AR6 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST72561AR6 Datasheet HTML 90Page - STMicroelectronics ST72561AR6 Datasheet HTML 91Page - STMicroelectronics ST72561AR6 Datasheet HTML 92Page - STMicroelectronics ST72561AR6 Datasheet HTML 93Page - STMicroelectronics ST72561AR6 Datasheet HTML 94Page - STMicroelectronics ST72561AR6 Datasheet HTML 95Page - STMicroelectronics ST72561AR6 Datasheet HTML 96Page - STMicroelectronics ST72561AR6 Datasheet HTML 97Page - STMicroelectronics ST72561AR6 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 262 page
background image
ST72561
94/262
10.5 8-BIT TIMER (TIM8)
10.5.1 Introduction
The timer consists of a 8-bit free-running counter
driven by a programmable prescaler.
It may be used for a variety of purposes, including
pulse length measurement of up to two input sig-
nals (input capture) or generation of up to two out-
put waveforms (output compare and PWM).
Pulse lengths and waveform periods can be mod-
ulated from a few microseconds to several milli-
seconds using the timer prescaler and the clock
prescaler.
10.5.2 Main Features
s
Programmable prescaler: fCPU divided by 2, 4 , 8
or fOSC2 divided by 8000.
s
Overflow status flag and maskable interrupt
s
Output compare functions with
– 2 dedicated 8-bit registers
– 2 dedicated programmable signals
– 2 dedicated status flags
– 1 dedicated maskable interrupt
s
Input capture functions with
– 2 dedicated 8-bit registers
– 2 dedicated active edge selection signals
– 2 dedicated status flags
– 1 dedicated maskable interrupt
s
Pulse width modulation mode (PWM)
s
One pulse mode
s
Reduced Power Mode
s
4 alternate functions on I/O ports (ICAP1, ICAP2,
OCMP1, OCMP2)*
The Block Diagram is shown in Figure 59.
*Note: Some timer pins may not be available (not
bonded) in some ST7 devices. Refer to the device
pin out description.
When reading an input signal on a non-bonded
pin, the value will always be ‘1’.
10.5.3 Functional Description
10.5.3.1 Counter
The main block of the Programmable Timer is a 8-
bit free running upcounter and its associated 8-bit
registers.
These two read-only 8-bit registers contain the
same value but with the difference that reading the
ACTR register does not clear the TOF bit (Timer
overflow flag), located in the Status register, (SR).
Writing in the CTR register or ACTR register re-
sets the free running counter to the FCh value.
Both counters have a reset value of FCh (this is
the only value which is reloaded in the 8-bit timer).
The reset value of both counters is also FCh in
One Pulse mode and PWM mode.
The timer clock depends on the clock control bits
of the CR2 register, as shown in Table 19 Clock
Control Bits. The value in the counter register re-
peats every 512, 1024, 2048 or 20480000 fCPU
clock cycles depending on the CC[1:0] bits.
The timer frequency can be fCPU/2, fCPU/4, fCPU/8
or fOSC2 /8000.
For example, if fOSC2/8000 is selected, and
fOSC2=8 MHz, the timer frequency will be 1 ms.
Refer to Table 19 on page 108.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com