Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF298 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF298
Description  Monolithic Sample-and-Hold Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF298 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LF298 Datasheet HTML 1Page - National Semiconductor (TI) LF298 Datasheet HTML 2Page - National Semiconductor (TI) LF298 Datasheet HTML 3Page - National Semiconductor (TI) LF298 Datasheet HTML 4Page - National Semiconductor (TI) LF298 Datasheet HTML 5Page - National Semiconductor (TI) LF298 Datasheet HTML 6Page - National Semiconductor (TI) LF298 Datasheet HTML 7Page - National Semiconductor (TI) LF298 Datasheet HTML 8Page - National Semiconductor (TI) LF298 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LF198/LF298/LF398, LF198A/LF398A
Monolithic Sample-and-Hold Circuits
General Description
The LF198/LF298/LF398 are monolithic sample-and-hold
circuits which utilize BI-FET technology to obtain ultra-high
dc accuracy with fast acquisition of signal and low droop
rate. Operating as a unity gain follower, dc gain accuracy is
0.002% typical and acquisition time is as low as 6 µs to
0.01%. A bipolar input stage is used to achieve low offset
voltage and wide bandwidth. Input offset adjust is accom-
plished with a single pin, and does not degrade input offset
drift. The wide bandwidth allows the LF198 to be included in-
side the feedback loop of 1 MHz op amps without having sta-
bility problems. Input impedance of 10
10
Ω allows high
source impedances to be used without degrading accuracy.
P-channel junction FET’s are combined with bipolar devices
in the output amplifier to give droop rates as low as 5 mV/min
witha1µF hold capacitor. The JFET’s have much lower
noise than MOS devices used in previous designs and do
not exhibit high temperature instabilities. The overall design
guarantees no feed-through from input to output in the hold
mode, even for input signals equal to the supply voltages.
Features
n
Operates from ±5V to ±18V supplies
n
Less than 10 µs acquisition time
n
TTL, PMOS, CMOS compatible logic input
n
0.5 mV typical hold step at C
h = 0.01 µF
n
Low input offset
n
0.002% gain accuracy
n
Low output noise in hold mode
n
Input characteristics do not change during hold mode
n
High supply rejection ratio in sample or hold
n
Wide bandwidth
n
Space qualified, JM38510
Logic inputs on the LF198 are fully differential with low input
current, allowing direct connection to TTL, PMOS, and
CMOS. Differential threshold is 1.4V. The LF198 will operate
from ±5V to ±18V supplies.
An “A” version is available with tightened electrical
specifications.
Typical Connection and Performance Curve
Functional Diagram
DS005692-32
Acquisition Time
DS005692-16
DS005692-1
July 2000
© 2000 National Semiconductor Corporation
DS005692
www.national.com


Similar Part No. - LF298

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LF298 PHILIPS-LF298 Datasheet
129Kb / 5P
Sample-and-hold amplifiers
August 31, 1994
logo
List of Unclassifed Man...
LF298 ETC-LF298 Datasheet
257Kb / 7P
MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF298 TI1-LF298 Datasheet
564Kb / 15P
LF198/LF298/LF398, LF198A/LF398A Monolithic Sample-and-Hold Circuits
LF298 TI1-LF298 Datasheet
2Mb / 33P
Monolithic Sample-and-Hold Circuits
LF298 TI1-LF298 Datasheet
3Mb / 38P
LFx98x Monolithic Sample-and-Hold Circuits
More results

Similar Description - LF298

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
LF198JAN Monolithic Sample-and-Hold Circuits
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
LF198QML Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
LF198JAN Monolithic Sample-and-Hold Circuits
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
Monolithic Sample-and-Hold Circuits
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
Monolithic Sample-and-Hold Circuits
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF198-N TI1-LF198-N_V01 Datasheet
3Mb / 38P
LFx98x Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com