Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DGD2111 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD2111
Description  HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16 (TYPE TH)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2111 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD2111 Datasheet HTML 1Page - Diodes Incorporated DGD2111 Datasheet HTML 2Page - Diodes Incorporated DGD2111 Datasheet HTML 3Page - Diodes Incorporated DGD2111 Datasheet HTML 4Page - Diodes Incorporated DGD2111 Datasheet HTML 5Page - Diodes Incorporated DGD2111 Datasheet HTML 6Page - Diodes Incorporated DGD2111 Datasheet HTML 7Page - Diodes Incorporated DGD2111 Datasheet HTML 8Page - Diodes Incorporated DGD2111 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DGD2110/2113
Document Number DS38271 Rev. 4 - 2
1 of 12
www.diodes.com
February 2016
© Diodes Incorporated
DGD2110/2113
HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16 (TYPE TH)
Description
The DGD2110 and DGD2113 are high-voltage / high-speed MOSFET
and IGBT drivers with independent high-side and low-side outputs.
The high-side driver features floating supply for operation at up to
500V/600V. The 10ns (max) / 20ns (max) propagation delay matching
between the high and the low side drivers allows high-frequency
operation.
The DGD2110 and DGD2113 logic inputs are compatible with
standard CMOS levels (as low as 3.3V) while driver outputs feature
high-pulse current buffers designed for minimum driver cross
conduction.
The DGD2110 and DGD2113 are offered in a 16-pin SO (Type TH)
package. They operate over an extended -40°C to +125°C
temperature range.
Applications
DC-DC Converters
DC-AC Inverters
AC-DC Power Supplies
Motor Controls
Class D Power Amplifiers
Features
Drives two N-Channel MOSFETs or IGBTs in high-side/low-side
configuration
Floating high-side operates to 600V
2.5A sink / 2.5A source typical output currents
Outputs tolerant to negative transients
Wide gate driver supply voltage range: 10V to 20V
Wide logic input supply voltage range: 3.3V to 20V
Wide logic supply offset voltage range: -5V to 5V
15ns (typ) rise / 13ns (typ) fall times with 1000pF load
105ns (typ) turn-on / 94ns (typ) turn-off delay times
Cycle-by-cycle edge-triggered shutdown circuitry
Extended temperature range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony free.
“Green” Device (Note 3)
Mechanical Data
Case: SO-16 (Type TH)
Case Material: Molded Plastic
. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads,
Solderable per MIL-STD-202, Method 208
Weight: 0.130 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DGD2110S16-13
DGD2110
13
16
1,500
DGD2113S16-13
DGD2113
13
16
1,500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SO-16 (Type TH)
Top View
Typical Configuration
DGD211x
YY WW
= Manufacturer’s Marking
DGD211x = Product Type Marking Code (See Table Above)
YY
= Year (ex: 16 = 2016)
WW
= Week (01 - 53)


Similar Part No. - DGD2111

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110 Datasheet
1Mb / 12P
HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
DGD2110S16-13 DIODES-DGD2110S16-13 Datasheet
1Mb / 12P
HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
DGD2113 DIODES-DGD2113 Datasheet
1Mb / 12P
HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
DGD2113S16-13 DIODES-DGD2113S16-13 Datasheet
1Mb / 12P
HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
More results

Similar Description - DGD2111

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2101 DIODES-DGD2101 Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8 (TYPE TH)
Rev 2
DGD2106 DIODES-DGD2106 Datasheet
722Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 3
DGD2181 DIODES-DGD2181 Datasheet
484Kb / 7P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 1
DGD21904 DIODES-DGD21904 Datasheet
729Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
Rev 1
DGD2005 DIODES-DGD2005_V01 Datasheet
765Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 5 - 2 April 2021
DGD2101M DIODES-DGD2101M_V01 Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
DGD21064M DIODES-DGD21064M_V01 Datasheet
720Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14 (Type TH)
Rev. 4 - 2 September 2019
DGD21814M DIODES-DGD21814M_V01 Datasheet
612Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
Rev. 2 - 2 October 2019
DGD21904M DIODES-DGD21904M Datasheet
693Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
Rev. 5 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com