Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC3016LSD Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMC3016LSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3016LSD Datasheet(HTML) 3 Page - Diodes Incorporated

  DMC3016LSD Datasheet HTML 1Page - Diodes Incorporated DMC3016LSD Datasheet HTML 2Page - Diodes Incorporated DMC3016LSD Datasheet HTML 3Page - Diodes Incorporated DMC3016LSD Datasheet HTML 4Page - Diodes Incorporated DMC3016LSD Datasheet HTML 5Page - Diodes Incorporated DMC3016LSD Datasheet HTML 6Page - Diodes Incorporated DMC3016LSD Datasheet HTML 7Page - Diodes Incorporated DMC3016LSD Datasheet HTML 8Page - Diodes Incorporated DMC3016LSD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DMC3016LSD
Document Number: DS36935 Rev. 4 - 2
3 of 10
www.diodes.com
December 2015
© Diodes Incorporated
DMC3016LSD
Electrical Characteristics (Continued) (P-Channel Q2) (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-30
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS


-1
µA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
-1.0
-3.0
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
21
28
m
Ω
VGS = -10V, ID = -7A
30
38
VGS = -4.5V, ID = -6.2A
Diode Forward Voltage
VSD
-0.7
-1.2
V
VGS = 0V, IS = -2.1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
CISS
1,241
pF
VDS = -15V, VGS = 0V
f = 1.0MHz
Output Capacitance
COSS
147
Reverse Transfer Capacitance
CRSS
110
Gate Resistance
RG

15

Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = -4.5V)
QG
10.9
nC
VDS = -15V, ID = -7A
Total Gate Charge (VGS = -10V)
QG

22

Gate-Source Charge
QGS
3.5
Gate-Drain Charge
QGD
4.7
Turn-On Delay Time
tD(ON)
9.7
ns
VDS = -15V, ID = -7A
VGS = -10V, RG =6
Ω
Turn-On Rise Time
tR
17.1
Turn-Off Delay Time
tD(OFF)
60.5
Turn-Off Fall Time
tF

40.4




Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com