Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC3025LSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMC3025LSD
Description  30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3025LSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMC3025LSD Datasheet HTML 1Page - Diodes Incorporated DMC3025LSD Datasheet HTML 2Page - Diodes Incorporated DMC3025LSD Datasheet HTML 3Page - Diodes Incorporated DMC3025LSD Datasheet HTML 4Page - Diodes Incorporated DMC3025LSD Datasheet HTML 5Page - Diodes Incorporated DMC3025LSD Datasheet HTML 6Page - Diodes Incorporated DMC3025LSD Datasheet HTML 7Page - Diodes Incorporated DMC3025LSD Datasheet HTML 8Page - Diodes Incorporated DMC3025LSD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DMC3025LSD
Document number: DS35717 Rev. 7 - 2
4 of 10
www.diodes.com
February 2015
© Diodes Incorporated
DMC3025LSD
Electrical Characteristics P-CHANNEL – Q1 (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-30
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
-1
µ
A
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
-1.0
-2.0
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS (ON)
38
45
m
VGS = -10V, ID = -5.2A
65
85
VGS = -4.5V, ID = -4A
Forward Transfer Admittance
|Yfs|
5
S
VDS = -5V, ID = -5.2A
Diode Forward Voltage
VSD
-0.7
-1.2
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
590
pF
VDS = -25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
69
pF
Reverse Transfer Capacitance
Crss
53
pF
Gate Resistance
Rg
11
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
5.1
nC
VDS = -15V, ID = -6A
Total Gate Charge (VGS = 10V)
Qg
10.5
nC
Gate-Source Charge
Qgs
1.8
nC
Gate-Drain Charge
Qgd
1.9
nC
Turn-On Delay Time
tD(on)
6.8
ns
VDD = -15V, VGS = -10V,
RG = 6 , ID = -1A
Turn-On Rise Time
tr
4.9
ns
Turn-Off Delay Time
tD(off)
28.4
ns
Turn-Off Fall Time
tf
12.4
ns
Reverse Recovery Time
trr
14
ns
IF = 12A, di/dt = 500A/µs
Reverse Recovery Charge
Qrr
11
nC
Notes:
7. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com