Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV224XH Datasheet(PDF) 42 Page - STMicroelectronics

Part # STV224XH
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV224XH Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STV224XH Datasheet HTML 38Page - STMicroelectronics STV224XH Datasheet HTML 39Page - STMicroelectronics STV224XH Datasheet HTML 40Page - STMicroelectronics STV224XH Datasheet HTML 41Page - STMicroelectronics STV224XH Datasheet HTML 42Page - STMicroelectronics STV224XH Datasheet HTML 43Page - STMicroelectronics STV224XH Datasheet HTML 44Page - STMicroelectronics STV224XH Datasheet HTML 45Page - STMicroelectronics STV224XH Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 86 page
background image
STV224XH/228XH/223XH - ELECTRICAL CHARACTERISTICS
42/86
Figure 14. Beam Current Limiter
Characteristics (Contrast)
Figure 15. Beam Current Limiter
Characteristics (Brightness)
Figure 16. Automatic RGB Peak Regulation (APR) / RGB Peak Limitation Characteristics
Figure 17. Linear Volume Control Curve
(7 bits, reg. 05 d6-d0, reg. 05 d7 = 0)
Figure 18. Non-Linear Volume Control Curve
(6 bits, reg. 05 d6-d1, reg. 05 d7 = 1)
4.5
5
5.5
6
6.5
0
-12
-18
-24
-6
VBCL (V)
Contrast (dB)
-6dB
-10dB
-18dB
0dB Max.
4.5
5
5.5
6
6.5
0
50
100
VBCL(V)
Brightness (%)
0
50
100
150
Output Level
Input Level (IRE)
APR Threshold max. (100 IRE)
and contrast max.
APR Threshold min. (50 IRE)
and contrast max.
APR Threshold max. (100 IRE)
and contrast min.
APR Threshold min. (50 IRE)
and contrast min.
RGB Peak Limitation Curve or
0
-20
-40
-60
-80
0
150
50
100
Code (decimal)
0
-20
-40
-60
-80
010
70
Code (decimal)
30
50
20
4060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com