Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV223XH Datasheet(PDF) 54 Page - STMicroelectronics

Part # STV223XH
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV223XH Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STV223XH Datasheet HTML 50Page - STMicroelectronics STV223XH Datasheet HTML 51Page - STMicroelectronics STV223XH Datasheet HTML 52Page - STMicroelectronics STV223XH Datasheet HTML 53Page - STMicroelectronics STV223XH Datasheet HTML 54Page - STMicroelectronics STV223XH Datasheet HTML 55Page - STMicroelectronics STV223XH Datasheet HTML 56Page - STMicroelectronics STV223XH Datasheet HTML 57Page - STMicroelectronics STV223XH Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
STV224XH/228XH/223XH - I²C BUS SELECTION
54/86
6.4 OUTPUT SIGNALS (READ MODE)
1F
VERT Output Inhibition
1X
X
X
X
X
X
X
X
X
X
0
0
X
X
0
1
VERT normal operating.
VERT inhibition (forced to high DC level controlled
by vertical position register).
Sound Level Status
Refresh
1X
X
X
X
X
X
X
X
X
X
0
0
0
1
X
X
0 = Sound level status continuously refreshed
1 = Sound level status refreshed only at the end of
vertical synchronization pulse
Not to be used
1
XXXX
X
0
X
X
Luma Delay Shift
1X
X
X
X
X
X
X
X
0
1
0
0
X
X
X
X
Standard luma delay.
140 ns on luma delay.
AVL Control & Status
2X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
AVL OFF, read reg 03h, d7 = AGC Tuner Status
AVL OFF, read reg 03h, d7 = AGC Tuner Status
AVL ON, read reg 03h, d7 = AVL Gain Status
AVL ON, read reg 03h, d7 = AGC Tuner Status
reg 04h, d3d2 = 11: AVL Gain Status = 1 (Min.)
reg 04h, d3d2
¹ 11: AVL Gain Status = 0 (Max.)
AM/FMOUT pin selec-
tion
20
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
0
X
X
X
X
X
X
X
X
Output of AM/FM demodulator.
Sound subcarriers selected.
Audio output muted.
Main audio switch output, either internal or exter-
nal audio depending on main audio switch selec-
tion.
reg 04h; d0 = 0: internal audio.
reg 04h; d0 = 1: external audio.
Reg.
Addr.
(Hex)
Description
Bits
Data
Comments
d7 d6 d5 d4 d3 d2 d1 d0
Reg.
Addr.
(Hex)
Description
Bits
Data
Comments
d7 d6 d5 d4 d3 d2 d1 d0
00
Power-on Reset
1X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
1
Normal mode.
Power down mode.
Field Frequency
1X
X
X
X
X
X
X
X
X
X
X
X
0
1
X
X
50 Hz.
60 Hz.
Field Lock Status
1X
X
X
X
X
X
X
X
X
X
0
1
X
X
X
X
Not locked.
Locked.
Video Identification
1X
X
X
X
X
X
X
X
0
1
X
X
X
X
X
X
No identification.
Video identification.
Standard Status Crystal
Selection
2X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
XTAL1 (4.43 MHz).
XTAL2 (3.5X MHz).
XTAL3 (3.5X MHz).
XTAL1 (3.5X MHz).
Standard Selection
20
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
PAL.
NTSC.
SECAM.
COLOR OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com