| Electronic Components Datasheet Search |
|
STV2246H Datasheet(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV2246H Datasheet(HTML) 53 Page - STMicroelectronics |
|
53 / 86 page ![]() STV224XH/228XH/223XH - I²C BUS SELECTION 53/86 6.3.9 Miscellaneous 19 Vertical Output Low Level Control 1X X X X X X X X X X X X X X 0 1 0 = 0.1 V low level on VERT Pin. 1 = 2 V low level on VERT Pin. Frame Blanking 1X X X X X X X X X X X X 0 1 X X 0 = Adapted to standard. 1 = Long blanking (50 Hz blanking) both in 50 Hz and 60 Hz modes Noise Detector Threshold 2X X X X X X X X 0 1 0 1 X X X X Low threshold. High threshold. Not to be used 1 X X 0 0 X X X X Wide Line Blanking 1 X X X X 0 1 X X X X X X X X X X 0 = Standard Line Blanking 1 = Wide Line Blanking Copy Protection Mode 1X X 0 1 X X X X X X X X X X X X 0 = Normal PLL1 operating mode. 1 = Copy Protection Mode. AV Mode Time Constant 10 1 X X X X X X X X X X X X X X 0 = PLL1 short time constant during all frames. 1 = PLL1 long time constant during vertical blank- ing, short time constant for the rest of the field. Reg. Addr. (Hex) Description Bits Data Comments d7 d6 d5 d4 d3 d2 d1 d0 Reg. Addr. (Hex) Description Bits Data Comments d7 d6 d5 d4 d3 d2 d1 d0 1A Manual Cut-off Register Red 8 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Low DC at RGB output. High DC at RGB output. 1B Manual Cut-off Register Green 8 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Low DC at RGB output. High DC at RGB output. 1C Manual Cut-off Register Blue 8 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Low DC at RGB output. High DC at RGB output. 1D CVBS1 Out selection at pin 29 SDIP56 8 0 0 0 0 0 0 0 0 0 0 1 0 1 0 1 0 CVBSOUT1 selected at pin 29 SDIP56. Default value, set to 0h when CVBSOUT1 not used. 1E Not To Be Used 7 000 X 0 00 0 SIF AGC time constant (positive mod- ulation) 1 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 Automatic SIFAGC Time constant control. Forced Long time constant. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |