Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV6889 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STV6889
Description  HIGH-END I²C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6889 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STV6889 Datasheet HTML 25Page - STMicroelectronics STV6889 Datasheet HTML 26Page - STMicroelectronics STV6889 Datasheet HTML 27Page - STMicroelectronics STV6889 Datasheet HTML 28Page - STMicroelectronics STV6889 Datasheet HTML 29Page - STMicroelectronics STV6889 Datasheet HTML 30Page - STMicroelectronics STV6889 Datasheet HTML 31Page - STMicroelectronics STV6889 Datasheet HTML 32Page - STMicroelectronics STV6889 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
STV6889
29/56
Read-out flags
SadXX/D0 - VDet(59)
Flag indicating Detection of V synchronization
pulses on VSyn pin.
0: Not detected
1: Detected
SadXX/D1 - HVDet (59)
Flag indicating Detection of H or HV synchroni-
zation pulses applied on H/HVSyn pin. Once the
sync pulses are detected, the flag is set and
latched. Disappearance of the sync signal will
not lead to reset of the flag.
0: Not detected
1: Detected.
SadXX/D2 - VExtrDet (59)
Flag indicating Detection of Extracted Vertical
synchronization signal from composite H+V sig-
nal applied on H/HVSyn pin.
0: Not detected
1: Detected
SadXX/D3 - VPol
Flag indicating Polarity of V synchronization
pulses applied on VSyn pin with respect to mean
level of the sync signal.
0: Positive
1: Negative
SadXX/D4 - HVPol
Flag indicating Polarity of H or HV synchroniza-
tion pulses applied on H/HVSyn pin with respect
to mean level of the sync signal.
0: Positive
1: Negative
SadXX/D5 - XRayAlarm
Alarm indicating that an event of excessive volt-
age has passed on XRay pin. Can only be reset
to 0 through I²C-bus bit XRayReset or by power-
on reset.
0: No excess since last reset of the bit
1: At least one event of excess appeared
since the last reset of the bit, HOut inhibited
SadXX/D6 - VLock
Status of “Locking” or stabilizing of Vertical oscil-
lator amplitude to an internal reference by AGC
regulation loop.
0: Locked (amplitude stabilized)
1: Not locked (amplitude non-stabilized)
SadXX/D7 - HLock
Lock status of Horizontal PLL1.
0: Locked
1: Not locked
See also bit Ident (Sad1Fh/D3)
Note 59: This flag, by its value of 1, indicates an event of detection of at least one synchronization pulse since its last
reset (by means of the SDetReset I²C-bus bit). This is to be taken into account by application S/W in a way that
enough time (at least the period between 2 synchronization pulses of analyzed signal) must be provided
between reset of the flag through SDetReset bit and validation of information provided in the flag after read-out
of status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com