Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8131 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV8131
Description  5V AND 8V VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8131 Datasheet(HTML) 3 Page - STMicroelectronics

  STV8131 Datasheet HTML 1Page - STMicroelectronics STV8131 Datasheet HTML 2Page - STMicroelectronics STV8131 Datasheet HTML 3Page - STMicroelectronics STV8131 Datasheet HTML 4Page - STMicroelectronics STV8131 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STV8131
3/5
ELECTRICAL CHARACTERISTICS (VIN1 = 7V, VIN2 = 10V, TJ = 25°C unless otherwise specified)
Note: Safe permanent short-circuit is only guaranteed for input voltages up to 16V.
Figure 3. Typical Application
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO1
Output Voltage
IO1 = 10mA
4.9
5
5.1
V
VO2
Output Voltage
IO2 = 10mA
7.84
8
8.16
V
VO1
VO2
Output Voltage
5mA < IO12 < 750mA
7V < VIN1 < 14V
10V < VIN2 < 14V
4.8
7.7
5.2
8.3
V
V
VIO1, 2
Dropout Voltage
IO1 2 = 750mA
IO1 2 = 1A
1.4
2
V
V
VO1, 2LI
Line Regulation
7V < VIN1 < 14V
10V < VIN2 < 14V
IO1 2 = 200mA
50
80
mV
mV
VO1, 2LO Load Regulation
5mA < IO1 < 0.6A
5mA < IO2 < 0.6A
100
160
mV
mV
IQ
Quiescent Current
IO1 = 10mA
Output 2 Disabled
2mA
KO1, 2
Output Voltage Thermal Drift
Tj = 0 to + 125°C
100
ppm/oC
IO1, 2SC
Short Circuit Output Current
VIN1 = 7V, VIN2 = 10V
VIN2 = 16V (see Note)
1.6
1
A
A
VDISH
Disable Voltage High (corresponding out
active)
2V
VDISL
Disable Voltage Low (corresponding out
disabled)
0.8
V
IDIS
Disable Bias Current
0V < VDIS < 7V
-30
2
µA
Tjsd
Junction Temperature for Thermal Shut Down
145
oC
K
0
∆V
0
106
⋅
∆TV
0
⋅
------------------------
=
5
3
7
6
4
2
1
STV8131
DISABLE
FOR
OUTPUT 1
C1
C2
C3
C4
C1 to C4 = 10
m F
DISABLE
FOR
OUTPUT 2
V
IN1
V
IN2
V
O1
V
O2
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com