Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV9211 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV9211
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV9211 Datasheet HTML 14Page - STMicroelectronics STV9211 Datasheet HTML 15Page - STMicroelectronics STV9211 Datasheet HTML 16Page - STMicroelectronics STV9211 Datasheet HTML 17Page - STMicroelectronics STV9211 Datasheet HTML 18Page - STMicroelectronics STV9211 Datasheet HTML 19Page - STMicroelectronics STV9211 Datasheet HTML 20Page - STMicroelectronics STV9211 Datasheet HTML 21Page - STMicroelectronics STV9211 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Functional description
STV9211
18/37
2.14
CRT cathode, DC-coupling mode (Figure 12)
The STV9211 can be used in DC coupling mode only.
The cut-off (InfraBlack) adjustment is done by the preamplifier.
The infra-black level (Vib) is adjusted independently for each channel via the Registers 10, 11 and
12 (see the complete description in
Section 2.10 ).
2.15
Preamplifier stand-by mode
The STV9211 is set in stand-by mode either by I2C or by decreasing the VCCP supply voltage.
q
I2C: the STV9211 is in stand-by mode when Register 13, bit 7=1
q
VCCP: the STV9211 is in stand-by mode when VCCP<3 V
In stand-by mode, the analog blocks are internally switched-off while the logic parts (I2C bus and
power-on reset) are still supplied.
The power consumption is below 20mW.
2.16
Amplifier stand-by mode
The STV9211 can set in stand-by mode any ST video amplifier with the CTL control pin.
When Register 9, bit 7=1, the AMPCTL pin is switched to low level (<0.3V). The amplifier is set in
stand-by mode when CTL<0.3V.
If not used, the AMPCTL pin must be connected to ground.
Figure 12: DC-coupling mode
OUT
+
-
Amplifier
STV95xx
STV9211
InfraBlack Adjustment
* Adjustment: 8-bit
* Range: 1.3 & 1.8V
* Offset: 3-bit
(Cut-off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com