Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2413 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # 2SD2413
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

2SD2413 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  2SD2413 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 2SD2413 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
• High collector to base voltage VCBO
•High collector to emitter voltage VCEO
•Large collector power dissipation PC
•Low collector to emitter saturation voltage VCE(sat)
Marking: 1S
Maximum Ratings (Ta=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
5
V
Collector Current -Continuous
IC
100
mA
Collector Power dissipation
PC
0.5
W
Junction Temperature
TJ
150
Storage Temperature
Tstg
-55to +150
ELECTRICAL CHARACTERISTICS ( @ Ta=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC=100μA, IE=0
400
V
Collector-emitter breakdown voltage
VCEO
IC=0.5mA, IB=0
400
V
Emitter-base breakdown voltage
VEBO
IE=100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=400V, IE=0
50
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
50
μA
DC current gain
hFE
VCE=5V, IC=30mA
30
Collector-emitter saturation voltage
VCE(sat)
IC=50mA, IB=5mA
1.5
V
Base-emitter saturation voltage
VBE(sat)
IC=50mA, IB=5mA
1.5
V
Transition frequency
fT
VCE=30V, IC=20mA, f=200MHz
40
MHz
Collector output capacitance
Cob
VCB = 30V, IE=0, f=1MHz
7
pF
2SD2413 (NPN)
1. BASE
2. COLLECTO
SOT-89
3. EMITTER


Similar Part No. - 2SD2413

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2413 PANASONIC-2SD2413 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planer type(For low-frequency output amplification)
logo
Shenzhen Jin Yu Semicon...
2SD2413 HTSEMI-2SD2413 Datasheet
585Kb / 2P
TRANSISOR (NPN)
logo
Galaxy Semi-Conductor H...
2SD2413 BILIN-2SD2413 Datasheet
149Kb / 3P
Silicon NPN triple diffusion planer type
logo
Jiangsu Changjiang Elec...
2SD2413 JIANGSU-2SD2413 Datasheet
1Mb / 3P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SD2413 DGNJDZ-2SD2413 Datasheet
1Mb / 3P
SOT-89-3L Plastic-Encapsulate Transistors
More results

Similar Description - 2SD2413

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com