Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12060L Datasheet(PDF) 1 Page - Artesyn Technologies

Part # PTH12060L
Description  Embedded Power for Business-Critical Continuity
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH12060L Datasheet(HTML) 1 Page - Artesyn Technologies

  PTH12060L Datasheet HTML 1Page - Artesyn Technologies PTH12060L Datasheet HTML 2Page - Artesyn Technologies PTH12060L Datasheet HTML 3Page - Artesyn Technologies PTH12060L Datasheet HTML 4Page - Artesyn Technologies PTH12060L Datasheet HTML 5Page - Artesyn Technologies PTH12060L Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
PTH12060
12 Vin
Special Features
• 10Aoutputcurrent
• 12Vinputvoltage
• Wide-outputvoltageadjust
1.2Vdc-5.5Vdcforsuffix‘W’&
0.8Vdc-1.8Vdcforsuffix‘L’
• Auto-track™sequencing*
• Marginup/downcontrols
• Efficienciesupto94%
• OutputON/OFFinhibit
• Outputvoltagesense
• Point-of-Load-Alliance(POLA)
compatible
• AvailableRoHScompliant
• 2YearWarranty
Total Power: 55Watts
# of Outputs: Single
Safety
UL/cULCAN/CSA-C22.2
No.60950-1-03/UL60950-1,
FileNo.E174104
TÜVProductService
(EN60950)CertificateNo.
B040638572044
CBReportandCertificateto
IEC60950,CertificateNo.
US/8292/UL
•
•
•
Rev.3.12.09_170
PTH12060
1 of 6
Input
Inputvoltagerange:
(SeeNote3,page3)
10.8-13.2Vdc
Inputcurrent:
Noload
10mAtyp.
RemoteON/OFF:
(SeeNote1,page3)
Positivelogic
Start-uptime:
1V/ms
Undervoltagelockout:
9.0-9.5Vtyp.
Trackinputvoltage:
Pin8(SeeNote6,page3)
±0.3Vin
Specifications
Allspecificationsaretypicalatnominalinput,fullloadat25˚Cunlessotherwisestated.Cin=560µF,
Cout=0µF
*Auto-track™isatrademarkof
TexasInstruments


Similar Part No. - PTH12060L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH12060L ARTESYN-PTH12060L Datasheet
371Kb / 5P
DC/DC CONVERTERS POLA Non-isolated
logo
Texas Instruments
PTH12060L TI2-PTH12060L Datasheet
1Mb / 30P
10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED DECEMBER 2008
PTH12060LAH TI-PTH12060LAH Datasheet
1Mb / 29P
10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12060LAH TI2-PTH12060LAH Datasheet
1Mb / 30P
10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED DECEMBER 2008
PTH12060LAH.B TI2-PTH12060LAH.B Datasheet
1Mb / 30P
10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED DECEMBER 2008
More results

Similar Description - PTH12060L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NPS42-M EMERSON-NETWORKPOWER-NPS42-M Datasheet
430Kb / 3P
Embedded Power for Business-Critical Continuity
LPQ142-CF EMERSON-NETWORKPOWER-LPQ142-CF Datasheet
694Kb / 3P
Embedded Power for Business-Critical Continuity
logo
List of Unclassifed Man...
NPS24-M ETC2-NPS24-M Datasheet
393Kb / 3P
Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
PTH12010 ARTESYN-PTH12010_09 Datasheet
1Mb / 6P
Embedded Power for Business-Critical Continuity
PTH05060 ARTESYN-PTH05060_09 Datasheet
582Kb / 5P
Embedded Power for Business-Critical Continuity
PTH05050 ARTESYN-PTH05050_08 Datasheet
417Kb / 5P
Embedded Power for Business-Critical Continuity
BXA30-12S05J ARTESYN-BXA30-12S05J Datasheet
348Kb / 5P
Embedded Power for Business-Critical Continuity
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY_10 Datasheet
927Kb / 10P
Embedded Power for Business-Critical Continuity
PTH05010 ARTESYN-PTH05010_09 Datasheet
593Kb / 5P
Embedded Power for Business-Critical Continuity
BXA10-12S05J ARTESYN-BXA10-12S05J Datasheet
244Kb / 4P
Embedded Power for Business-Critical Continuity
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com