Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXREFDES112 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAXREFDES112
Description  ISOLATED 24V TO 12V 10W FLYBACK POWER SUPPLY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES112 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAXREFDES112 Datasheet HTML 2Page - Maxim Integrated Products MAXREFDES112 Datasheet HTML 3Page - Maxim Integrated Products MAXREFDES112 Datasheet HTML 4Page - Maxim Integrated Products MAXREFDES112 Datasheet HTML 5Page - Maxim Integrated Products MAXREFDES112 Datasheet HTML 6Page - Maxim Integrated Products MAXREFDES112 Datasheet HTML 7Page - Maxim Integrated Products MAXREFDES112 Datasheet HTML 8Page - Maxim Integrated Products MAXREFDES112 Datasheet HTML 9Page - Maxim Integrated Products MAXREFDES112 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
input DC bus to ground can be used to divide down and apply a fraction of the input DC
voltage to the EN/UVLO pin. The values of the resistor divider can be selected so that the
EN/UVLO-pin voltage exceeds the 1.21V (typ) turn-on threshold at the desired input DC
bus voltage. The same resistor divider can be modified with an additional resistor, R , to
implement overvoltage input protection in addition to the EN/UVLO functionality. When the
voltage at the OVI pin exceeds 1.21V (typ), the MAX17596 stops switching. Switching
resumes with soft-start operation, only if the voltage at the OVI pin falls below 1.15V (typ).
For the expected values of the startup DC input voltage (V
) and overvoltage-input
protection voltage (V ), the resistor values for the divider can be calculated as follows:
V
= (R65 + R6 + R7)/(R6 + R7) × 1.21 (V)
V= (R5 + R6 + R7)/R7 × 1.21 (V)
If R5 = 274kΩ, R6 = 11.3kΩ, and R7 = 9.76kΩ, then:
V
= 16.95V, V
= 36.6V.
Quick Start
Required equipment:
• MAXREFDES112# board
• One 24V DC power supply
• One electronic load
•1 voltmeters
• 1 ammeters
Procedure
The MAXREFDES112# board is fully assembled and tested. Use the following steps to
verify board operation.
1. Turn off the power supply.
2. Connect the positive terminal of the power supply to the VIN pin of the
MAXREFDES112# board.
3. Connect the negative terminal of the power supply to the GND pin of the
MAXREFDES112# board.
4. Connect the VOUT connector of the MAXREFDES112# board to the positive
terminal of the electronic load.
5. Connect the negative terminal of the electronic load to the positive terminal of the
ammeter.
6. Connect the negative terminal of the ammeter to the GNDO connector of the
MAXREFDES112# board.
7. Connect the voltmeter across the VOUT and the GNDO connectors of the
MAXREFDES112# board.
OVI
START
OVI
START
OVI
START
OVI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com