Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH05060 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # PTH05060
Description  Embedded Power for Business-Critical Continuity
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH05060 Datasheet(HTML) 4 Page - Artesyn Technologies

  PTH05060_09 Datasheet HTML 1Page - Artesyn Technologies PTH05060_09 Datasheet HTML 2Page - Artesyn Technologies PTH05060_09 Datasheet HTML 3Page - Artesyn Technologies PTH05060_09 Datasheet HTML 4Page - Artesyn Technologies PTH05060_09 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev.3.23.09_71
PTH05060Series
4of5
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
CharacteristicData
Figure 2 - Safe Operating Area
Vin = 5 V, Output Voltage = 1.0 V (See Note A)
Figure 1 - Safe Operating Area
Vin = 5 V, Output Voltage = 3.3 V (See Note A)
Figure 4 - Standard Application
Figure 3 - Efficiency vs Load Current
Vin = 5 V (See Note B)
Notes
A SOAcurvesrepresenttheconditionsatwhichinternalcomponentsarewithin
theEmersonNetworkPowerderatingguidelines.
B Characteristicdatahasbeendevelopedfromactualproductstestedat25°C.
Thisdataisconsideredtypicaldatafortheconverter.
OUTPUT CURRENT (A)
20
30
40
50
60
70
80
90
0
2
4
6
8
10
400LFM
200LFM
100LFM
Nat conv
20
30
40
50
60
70
80
90
400LFM
200LFM
100LFM
Nat conv
OUTPUT CURRENT (A)
0
2
4
6
8
10
40
50
60
70
80
90
100
0
2
4
6
8
10
3.3V
2.5V
1.8V
1.2V
0.8V
Vout
Track
8
9
10
PTH05060
(Top View)
Margin Up
Margin Down
5
4
3
6
7
2
1
GND
GND
L
O
A
D
Cin330F
(Required)
+
Vin
Inhibit
Cout330F
(Optional)
+
RSET 1%, 0.1W
(Required)
Vout
Vo Sense



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com