Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH05050 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # PTH05050
Description  Embedded Power for Business-Critical Continuity
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH05050 Datasheet(HTML) 1 Page - Artesyn Technologies

  PTH05050 Datasheet HTML 1Page - Artesyn Technologies PTH05050 Datasheet HTML 2Page - Artesyn Technologies PTH05050 Datasheet HTML 3Page - Artesyn Technologies PTH05050 Datasheet HTML 4Page - Artesyn Technologies PTH05050 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Embedded Power for
Business-Critical Continuity
PTH05050
5 Vin
Single Output
Special Features
• 6 A output current
• 5 V input voltage
• Wide-output voltage adjust
(0.8 Vdc to 3.6 Vdc)
• Auto-track™ sequencing*
• Pre-bias start-up capability
• Efficiencies up to 95%
• Output ON/OFF inhibit
• Output voltage sense
• Point-of-Load-Alliance (POLA)
compatible
• Available RoHS compliant
• 2 Year Warranty
Total Power:
21.6W
Input Voltage: 4.5 - 5.5VDC
# of Outputs:
Single
Safety
UL/cUL CAN/CSA-C22.2
No. 60950-1-03/UL 60950-1,
File No. E186249
TÜV Product Service (EN60950)
Certificate No.
B 06 07 38572 068
Rev.07.30.08
PTH05050
1 of 5
Electrical Specifications
Input
Input voltage range
See note 3
4.5 - 5.5 Vdc
Input current
No load
10 mA typ.
Remote ON/OFF
See note 1
Positive logic
Startup time
1 V/ms
Undervoltage lockout
3.7 - 4.3 Vdc typ.
Track input voltage
Pin 2 (See note 6, 7)
± 0.3% Vin
Output
Voltage adjustability
(See note 4)
0.8 - 3.6 Vdc
Setpoint accuracy
± 2.0% Vo
Line regulation
±10% mV typ.
Load regulation
±12 mV typ.
total regulation
± 3% Vo
Minimum load
0 A
Ripple and noise
20 MHz bandwidth
20 mV pk-pk
Temperature co-efficient
-40°C to +85 °C
± 5% Vo
Transient response (see note 5)
70 μs recovery time
Overshoot/undershoot 100 MV
EMC Charateristics
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3


Similar Part No. - PTH05050

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH05050 ARTESYN-PTH05050 Datasheet
195Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
logo
Advanced Energy Industr...
PTH05050 ADVANCEDENERGY-PTH05050 Datasheet
418Kb / 7P
5 Vin Single Output
logo
Texas Instruments
PTH05050W TI-PTH05050W Datasheet
297Kb / 16P
6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05050W TI-PTH05050W Datasheet
1Mb / 22P
6-A, 5-V INPUT NON-ISOLATED WIDE OUTPUT ADJUST POWER MODULE
More results

Similar Description - PTH05050

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NPS42-M EMERSON-NETWORKPOWER-NPS42-M Datasheet
430Kb / 3P
Embedded Power for Business-Critical Continuity
LPQ142-CF EMERSON-NETWORKPOWER-LPQ142-CF Datasheet
694Kb / 3P
Embedded Power for Business-Critical Continuity
NLP65-9612GJ EMERSON-NETWORKPOWER-NLP65-9612GJ Datasheet
339Kb / 4P
Embedded Power for Business-Critical Continuity
logo
List of Unclassifed Man...
NPS24-M ETC2-NPS24-M Datasheet
393Kb / 3P
Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
PTH12010 ARTESYN-PTH12010_09 Datasheet
1Mb / 6P
Embedded Power for Business-Critical Continuity
PTH05060 ARTESYN-PTH05060_09 Datasheet
582Kb / 5P
Embedded Power for Business-Critical Continuity
BXA30-12S05J ARTESYN-BXA30-12S05J Datasheet
348Kb / 5P
Embedded Power for Business-Critical Continuity
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY_10 Datasheet
927Kb / 10P
Embedded Power for Business-Critical Continuity
PTH05010 ARTESYN-PTH05010_09 Datasheet
593Kb / 5P
Embedded Power for Business-Critical Continuity
BXA10-12S05J ARTESYN-BXA10-12S05J Datasheet
244Kb / 4P
Embedded Power for Business-Critical Continuity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com