Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASA00B36-LS Datasheet(PDF) 1 Page - Artesyn Technologies

Part # ASA00B36-LS
Description  POWER 6 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ASA00B36-LS Datasheet(HTML) 1 Page - Artesyn Technologies

  ASA00B36-LS Datasheet HTML 1Page - Artesyn Technologies ASA00B36-LS Datasheet HTML 2Page - Artesyn Technologies ASA00B36-LS Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
ASA Series
6 Watts
Total Power: 6Watts
Input Voltage:12V,24Vor48V
# of Outputs: Single,Dual
Special featureS
ƒ
Encapsulated
ƒ
Wide 4:1 input range
ƒ
1.25” x 0.8” DIP package
ƒ
1500 Vdc I/O isolation
ƒ
Single and Dual output
Safety
ƒ
UL 60950-1
ƒ
CE Mark
Electrical Specifications
Input
Input range:
9 to 36 VDC; 18 to 75 VDC
Efficiency2:
81% @ 5 Vo
Output
Voltage tolerance:
±2.0%
Line regulation:
±0.5%
Load regulation:
Single output: 1% @ 3.3 Vo
Other: ±0.5%
Dual output: ±3.0%
Noise/ripple:
3.3 Vo, 5 Vo: 100 mV
12 Vo: 120 mV
15 Vo: 150 mV
Short circuit protection:
Auto-restart
Switching frequency:
250 KHz
Temperature coefficient:
±0.02 /°C
Isolation
I/O isolation
1500 VDC min.
Insulation resistance:
10 Mohm
Insulation capacitance:
1000 pF
Data Sheet
Environmental Specifications
Operating ambient temperature range:
-40 °C to +71°C (no derating)
Storage temperature:
-55 °C to +105 °C
Humidity:
5% to 95% (non-condensing)
MTBF:
1 Mhrs demonstrated MTBF
RoHS Compliant


Similar Part No. - ASA00B36-LS

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ASA00B36-LS ARTESYN-ASA00B36-LS Datasheet
701Kb / 3P
Encapsulated
More results

Similar Description - ASA00B36-LS

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20216 ERICSSON-PTB20216 Datasheet
391Kb / 2P
6 Watts, 1.8-2.0 GHz RF Power Transistor
logo
Astec America, Inc
ASA01F18-L ASTEC-ASA01F18-L Datasheet
127Kb / 2P
6 Watts
logo
Motorola, Inc
MJD74C MOTOROLA-MJD74C Datasheet
198Kb / 6P
SILICON POWER TRANSISTORS 6 AMPERES 100 VOLTS20 WATTS
logo
Power Mate Technology C...
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
6 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
DCBOB5 WALL-DCBOB5 Datasheet
512Kb / 4P
Up to 6 Watts, DC/DC Power Converters
logo
Artesyn Technologies
ASA01A12-M ARTESYN-ASA01A12-M Datasheet
469Kb / 2P
Total Power: 6 Watts
logo
XP Power Limited
JCA04 XPPOWER-JCA04 Datasheet
378Kb / 2P
4/6 Watts JCA Series
JCE06 XPPOWER-JCE06 Datasheet
139Kb / 2P
6 Watts JCE Series
logo
Wall Industries,Inc.
DCBOB5 WALL-DCBOB5_16 Datasheet
383Kb / 4P
Up to 6 Watts, DC/DC Power Converters
WMSAW6USB WALL-WMSAW6USB Datasheet
1Mb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com