Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3120 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS3120
Description  LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3120 Datasheet(HTML) 1 Page - Texas Instruments

  THS3120 Datasheet HTML 1Page - Texas Instruments THS3120 Datasheet HTML 2Page - Texas Instruments THS3120 Datasheet HTML 3Page - Texas Instruments THS3120 Datasheet HTML 4Page - Texas Instruments THS3120 Datasheet HTML 5Page - Texas Instruments THS3120 Datasheet HTML 6Page - Texas Instruments THS3120 Datasheet HTML 7Page - Texas Instruments THS3120 Datasheet HTML 8Page - Texas Instruments THS3120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0
1
2
3
4
5
6
7
8
Number of 150
Ω Loads
PAL
NTSC
Gain = 2,
RF = 649 Ω,
VS = ±15 V,
40 IRE − NTSC and PAL,
Worst Case
±100 IRE Ramp
+
−
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
n Lines
VO(1)
VO(n)
75-
Ω Transmission Line
VI
649
Ω
649
Ω
−15 V
15 V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0
1
2
3
4
5
6
7
8
Number of 150
Ω Loads
PAL
NTSC
Gain = 2,
RF = 649 Ω,
VS = ±15 V,
40 IRE − NTSC and PAL,
Worst Case
±100 IRE Ramp
DIFFERENTIAL PHASE
vs
NUMBER OF LOADS
DIFFERENTIAL GAIN
vs
NUMBER OF LOADS
VIDEO DISTRIBUTION AMPLIFIER APPLICATION
THS3120, THS3121
SLOS420A – SEPTEMBER 2003 – REVISED NOVEMBER 2003
LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK,
OPERATIONAL AMPLIFIERS
•
Low Noise
The
THS3120
and
THS3121
are
low-noise,
high-voltage, high output current drive, current-
– 1 pA/
√Hz Noninverting Current Noise
feedback amplifiers designed to operate over a wide
– 10 pA/
√Hz Inverting Current Noise
supply range of
±5 V to ±15 V for today's high
– 2.5 nV/
√Hz Voltage Noise
performance applications.
•
High Output Current Drive: 475 mA
The THS3120 offers a power saving mode by provid-
•
High Slew Rate: 1700 V/µs (RL = 50 Ω,
ing a power-down pin for reducing the 7-mA quiesc-
VO = 8 VPP)
ent current of the device, when the device is not
active.
•
Wide Bandwidth: 120 MHz (G = 2, RL = 50 Ω)
•
Wide Supply Range:
±5 V to ±15 V
These
amplifiers
provide
well-regulated
ac
performance characteristics. Most notably, the 0.1-dB
•
Power-Down Feature: (THS3120 Only)
flat bandwidth is exceedingly high, reaching beyond
90 MHz. The unity gain bandwidth of 130 MHz allows
for good distortion characteristics at 10 MHz. Coupled
•
Video Distribution
with high 1700-V/µs slew rate, the THS3120 and
•
Power FET Driver
THS3121 amplifiers allow for high output voltage
swings at high frequencies.
•
Pin Driver
•
Capacitive Load Driver
The THS3120 and THS3121 are offered in a 8-pin
SOIC (D), and the 8-pin MSOP (DGN) packages with
PowerPAD™.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS3120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3120 TI1-THS3120 Datasheet
1Mb / 36P
LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120 Datasheet
1Mb / 35P
LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120CDGN TI1-THS3120CDGN Datasheet
1Mb / 36P
LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120CDGN TI1-THS3120CDGN Datasheet
1Mb / 35P
LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120CDGNG4 TI1-THS3120CDGNG4 Datasheet
1Mb / 36P
LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3120

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Texas Instruments
THS3110 TI-THS3110 Datasheet
934Kb / 28P
LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com