Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP332 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP332
Description  Office Machine Household Use Equipment Programmable Controllers AC / DC-Input Module Telecommunication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP332 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP332 Datasheet HTML 1Page - Toshiba Semiconductor TLP332 Datasheet HTML 2Page - Toshiba Semiconductor TLP332 Datasheet HTML 3Page - Toshiba Semiconductor TLP332 Datasheet HTML 4Page - Toshiba Semiconductor TLP332 Datasheet HTML 5Page - Toshiba Semiconductor TLP332 Datasheet HTML 6Page - Toshiba Semiconductor TLP332 Datasheet HTML 7Page - Toshiba Semiconductor TLP332 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TLP331,TLP332
2002-09-25
4
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance (input to output)
CS
VS = 0, f = 1MHz
―
0.8
―
pF
Isolation resistance
RS
V = 500V
5
´10
10
10
14
―
Ω
AC, 1 minute
5000
―
―
AC, 1 second, in oil
―
10000
―
Vr m s
Isolation voltage
BVS
DC, 1 minute, in oil
―
10000
―
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Rise time
tr
―
8
―
Fall time
tf
―
8
―
Turn
-on time
ton
―
10
―
Turn
-off time
toff
VCC = 10V
IC = 2mA
RL = 100Ω
―
8
―
µs
Turn
-on time
tON
―
10
―
Storage time
tS
―
50
―
Turn
-off time
tOFF
RL = 4.7kΩ
(Fig.1)
RBE = OPEN
VCC = 5V, IF = 1.6mA
―
300
―
µs
Turn
-on time
tON
―
12
―
Storage time
tS
―
30
―
Turn
-off time
tOFF
RL = 4.7kΩ
(Fig.1)
RBE = 470kΩ (TLP331)
VCC = 5V, IF = 1.6mA
―
100
―
µs
Fig. 1 Switching time test circuit
IF
VCE
tON
tOFF
tS
4.5V
0.5V
VCC
VCC
VCE
RL
IF
RBE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com