Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3121CDR Datasheet(PDF) 15 Page - Texas Instruments

Part # THS3121CDR
Description  LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3121CDR Datasheet(HTML) 15 Page - Texas Instruments

Back Button THS3121CDR Datasheet HTML 11Page - Texas Instruments THS3121CDR Datasheet HTML 12Page - Texas Instruments THS3121CDR Datasheet HTML 13Page - Texas Instruments THS3121CDR Datasheet HTML 14Page - Texas Instruments THS3121CDR Datasheet HTML 15Page - Texas Instruments THS3121CDR Datasheet HTML 16Page - Texas Instruments THS3121CDR Datasheet HTML 17Page - Texas Instruments THS3121CDR Datasheet HTML 18Page - Texas Instruments THS3121CDR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
www.ti.com
APPLICATION INFORMATION
Maximum Slew Rate for Repetitive Signals
WIDEBAND, NONINVERTING OPERATION
_
+
THS3120
RF
649
Ω
49.9
Ω
0.1
µF
6.8
µF
-VS
-15 V
RG
50
Ω Source
+
VI
0.1
µF
6.8
µF
+
+VS
15 V
649
Ω
49.9
Ω
50
Ω LOAD
THS3120, THS3121
SLOS420A – SEPTEMBER 2003 – REVISED NOVEMBER 2003
Current-feedback amplifiers are highly dependent on
the feedback resistor RF for maximum performance
The THS3120 and THS3121 are recommended for
and stability. Table 1 shows the optimal gain setting
high slew rate pulsed applications where the internal
resistors RF and RG at different gains to give maxi-
nodes of the amplifier have time to stabilize between
mum bandwidth with minimal peaking in the fre-
pulses. It is recommended to have at least 20-ns
quency
response.
Higher
bandwidths
can
be
delay between pulses.
achieved, at the expense of added peaking in the
The THS3120 and THS3121 are not recommended
frequency response, by using even lower values for
for applications with repetitive signals (sine, square,
RF.
Conversely,
increasing
RF
decreases
the
sawtooth, or other) that exceed 900 V/
µs. Using the
bandwidth, but stability is improved.
part in these applications results in excessive current
draw from the power supply and possible device
Table 1. Recommended Resistor Values for
damage.
Optimum Frequency Response
THS3120 and THS3121 RF and RG values for minimal peaking
For applications with high slew rate, repetitive signals,
with RL = 50 Ω
the THS3091 and THS3095 (single), or THS3092 and
SUPPLY VOLTAGE
THS3096 (dual) are recommended.
GAIN (V/V)
RG (Ω)
RF (Ω)
(V)
±15
--
806
1
±5
--
909
The THS3120 and THS3121 are unity gain stable
±15
649
649
130-MHz current-feedback operational amplifiers, de-
2
±5
750
750
signed to operate from a
±5-V to ±15-V power supply.
±15
124
499
Figure 45 shows the THS3121 in a noninverting gain
5
±5
124
499
of 2-V/V configuration typically used to generate the
performance
curves.
Most
of
the
curves
were
±15
33.2
301
10
characterized using signal sources with 50-
Ω source
±5
33.2
301
impedance, and with measurement equipment pres-
±15
681
681
enting a 50-
Ω load impedance.
-1
±5
750
750
-2
±15 and ±5
340
681
-5
±15 and ±5
100
499
-10
±15 and ±5
36.5
365
Figure 45. Wideband, Noninverting Gain
Configuration
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com