Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C01 Datasheet(PDF) 11 Page - XP Power Limited

Part # C01
Description  MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

C01 Datasheet(HTML) 11 Page - XP Power Limited

Back Button C01 Datasheet HTML 4Page - XP Power Limited C01 Datasheet HTML 5Page - XP Power Limited C01 Datasheet HTML 6Page - XP Power Limited C01 Datasheet HTML 7Page - XP Power Limited C01 Datasheet HTML 8Page - XP Power Limited C01 Datasheet HTML 9Page - XP Power Limited C01 Datasheet HTML 10Page - XP Power Limited C01 Datasheet HTML 11Page - XP Power Limited C01 Datasheet HTML 12Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
4711CR
WWW.XPPOWER.COM
PAGE 11
1.80
(45.72)
15S SUB-MIN 'D'
RECEPTACLE
AMP # 747909-2
SOLDER
CUP SIDE
9
1
8 15
MTG HARDWARE
SUPPLIED
ADJUST
GAIN
15P SUB MIN-D
PLUG (MALE)
AMP # 747841-4
6.77 (171.96)
LGH
MATING
CONNECTOR
.50
(12.7)
.05 (1.27)
THICK
5.25 (133.35)
.75 (19.05)
1.40 (35.56)
3.80 (96.52)
1.312
(33.32)
.85 (21.59)
3.700 (93.98)
1.30
(33.02)
.24 (6.09)
1.312
(33.32)
ANODIZED
ALUMINUM
MOUNTING PLATE
#4-40 MTG HOLE
4 PLACES
LGH
CONNECTOR
OUTPUT
TOP VIEW
PRODUCT DESCRIPTION
PRODUCT DESCRIPTION
PROGRAMMING INSTRUCTIONS
These adapters provide convenient prototyping and evaluation during
system development and integration. They allow C Series modules to
be mounted to a chassis instead of designed into a PC board.
Extra filtering on the input and output improves performance. A schottky
diode on the input provides reverse polarity protection. Input connector
is via a 15P SUB MIN-D plug (mate supplied) and output is via an LGH
style coaxial connector (mate supplied).
ORDERING INFORMATION:
Please note when ordering a CM4 the C Series is not included and must
be ordered separately.
Onboard Potentiometer: connect pins 7 to 4 and 8 to 3, turn
potentiometer to adjust high voltage.
OR
Remote Potentiometer: connect wiper arm to pin 3, other sides
to pins 4 and 2.
OR
Remote Analog Signal: apply programming voltage to pin 3,
return to pin 2.
C SERIES
CM4: MODELS C50, C50N, C60, C60N, C80 and C80N
Dimensions are in inches (metric equivalents are in parentheses)
Dimensional tolerances: .xx +/- 0.02 (0.51mm)
.xxx +/- 0.005 (0.127mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com