Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1183 Datasheet(PDF) 39 Page - SMSC Corporation

Part # EMC1183
Description  Triple Channel 1째C Temperature Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1183 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button EMC1183 Datasheet HTML 35Page - SMSC Corporation EMC1183 Datasheet HTML 36Page - SMSC Corporation EMC1183 Datasheet HTML 37Page - SMSC Corporation EMC1183 Datasheet HTML 38Page - SMSC Corporation EMC1183 Datasheet HTML 39Page - SMSC Corporation EMC1183 Datasheet HTML 40Page - SMSC Corporation EMC1183 Datasheet HTML 41Page - SMSC Corporation EMC1183 Datasheet HTML 42Page - SMSC Corporation EMC1183 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Triple Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
SMSC EMC1183
39
Revision 1.0 (07-11-13)
DATASHEET
APPLICATION NOTE: When measuring a 65nm Intel CPU, the Ideality Setting should be the default 12h. When
measuring a 45nm Intel CPU, the Ideality Setting should be 15h.
6.15
High Limit Status Register 35h
The High Limit Status Register contains the status bits that are set when a temperature channel high
limit is exceeded. If any of these bits are set, the HIGH status bit in the Status Register is set. Reading
from the High Limit Status Register will clear all bits if. Reading from the register will also clear the
HIGH status bit in the Status Register.
The ALERT / THERM2 pin will be set if the programmed number of consecutive alert counts have
been met and any of these status bits are set.
The status bits will remain set until read unless the ALERT / THERM2 pin is configured as a
comparator output (see Section 5.5.2).
Bit 2 - E2HIGH - This bit is set when the External Diode 2 channel exceeds its programmed high limit.
Bit 1 - E1HIGH - This bit is set when the External Diode 1 channel exceeds its programmed high limit.
Bit 0 - IHIGH - This bit is set when the Internal Diode channel exceeds its programmed high limit.
6.16
Low Limit Status Register 36h
10h
0.9973
20h
1.0187
30h
1.0395
11h
0.9986
21h
1.0200
31h
1.0408
12h
1.0000
22h
1.0213
32h
1.0421
13h
1.0013
23h
1.0226
33h
1.0434
14h
1.0026
24h
1.0239
34h
1.0447
15h
1.0039
25h
1.0252
35h
1.0460
16h
1.0053
26h
1.0265
36h
1.0473
17h
1.0066
27h
1.0278
37h
1.0486
Table 6.20 High Limit Status Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
35h
R-C
High Limit
Status
-
-
-
-
-
E2HIGH
EHIGH
IHIGH
00h
Table 6.21 Low Limit Status Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
36h
R-C
Low Limit
Status
-
-
-
-
-
E2LOW
ELOW
ILOW
00h
Table 6.19 Substrate Diode Ideality Factor Look-Up Table (BJT Model) (continued)
SETTING
FACTOR
SETTING
FACTOR
SETTING
FACTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com