Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1053 Datasheet(PDF) 12 Page - SMSC Corporation

Part # EMC1053
Description  1째C Triple Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1053 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button EMC1053_08 Datasheet HTML 8Page - SMSC Corporation EMC1053_08 Datasheet HTML 9Page - SMSC Corporation EMC1053_08 Datasheet HTML 10Page - SMSC Corporation EMC1053_08 Datasheet HTML 11Page - SMSC Corporation EMC1053_08 Datasheet HTML 12Page - SMSC Corporation EMC1053_08 Datasheet HTML 13Page - SMSC Corporation EMC1053_08 Datasheet HTML 14Page - SMSC Corporation EMC1053_08 Datasheet HTML 15Page - SMSC Corporation EMC1053_08 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
1°C Triple Temperature Sensor with Resistance Error Correction & Hotter of Two Zones
Datasheet
Revision 1.44 (04-14-08)
12
SMSC EMC1053
DATASHEET
3.3.1
Conversion Rates
The EMC1053 may be configured for different conversion rates based on the system requirements.
The available rates are 1 full set of conversions per second to 16 full sets of conversions per second.
The conversion rate is configured as described in Section 4.4. The available conversion rates are
shown in Table 4.4.
3.3.2
Dynamic Averaging
The EMC1053 temperature channels support a new feature that measures the external diode channels
for an extended time based on the selected conversion rate. This functionality can be disabled as
described in Section 4.5 for increased power savings at the lower conversion rates. When Dynamic
Averaging is enabled, the device will automatically adjust the sampling and measurement time for both
external diode channels. This allows the device to average 2x or 4x longer than the normal 11 bit
operation while still maintaining the selected conversion rate. The benefits of Dynamic Averaging are
improved noise rejection due to the longer integration time as well as less random variation on the
temperature measurement.
The Dynamic Averaging applies when a One-Shot command is issued. The device will perform the
desired averaging during the one-shot operation according to the selected conversion rate.
The Dynamic Averaging will affect the average supply current based on the chosen conversion rate
as shown in Table 3.1.
3.4
Temperature Monitors
In general, thermal diode temperature measurements are based on the change in forward bias voltage
of a diode when operated at two different currents. This
ΔV
BE is then proportional to absolute
temperature as shown in the following equation:
Table 3.1 Supply Current vs. Conversion Rate and ADC Averaging Factor
CONVERSION RATE
ADC AVERAGING FACTOR
4X
(MAX_RES = 1)
(DA_N = 0)
2X
(MAX_RES = 0)
(DA_N = 0)
1X
(DA_N = 1)
1 / sec
190uA
132uA
105uA
2 / sec
315uA
205uA
150uA
4 / sec
580uA
350uA
235uA
8 / sec
N/A
640uA
405uA
16 / sec
N/A
N/A
750uA
where:
k = Boltzmann’s constant
T = absolute temperature in Kelvin
[1]
q = electron charge
η = diode ideality factor
⎟⎟
⎜⎜
=
=
Δ
LOW
HIGH
LOW
BE
HIGH
BE
BE
I
I
q
kT
V
V
V
ln
_
_
η



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com