Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1114 Datasheet(PDF) 25 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 21Page - SMSC Corporation CAP1114 Datasheet HTML 22Page - SMSC Corporation CAP1114 Datasheet HTML 23Page - SMSC Corporation CAP1114 Datasheet HTML 24Page - SMSC Corporation CAP1114 Datasheet HTML 25Page - SMSC Corporation CAP1114 Datasheet HTML 26Page - SMSC Corporation CAP1114 Datasheet HTML 27Page - SMSC Corporation CAP1114 Datasheet HTML 28Page - SMSC Corporation CAP1114 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
25
Revision 1.1 (02-04-11)
DATASHEET
5.2
RESET Pin
The RESET pin is an active high reset that is driven from an external source. The pin contains an
internal delay timer (tRST_FILT) that will block errant glitches on the RESET pin. The RESET pin must
be driven high or low longer than this time before the CAP1114 will react to the pin state.
While the RESET pin is held high, all the internal blocks will be held in reset including the SMBus. All
configuration settings will be reset to default states and all readings will be cleared. Furthermore, the
device will be held in Deep Sleep that can only be removed by driving the RESET pin low.
Once the RESET pin is pulled low, the CAP1114 will begin operation as if a power-on-reset had
occurred. When this happens, the RESET bit will be set and an interrupt will be generated.
5.3
LED Drivers
The CAP1114 contains eleven (11) LED Drivers. Each LED Driver is controlled independently of the
others and may be linked to the corresponding Capacitive Touch Sensor input. All LED drivers will
operate in one of the following modes. LED drivers 1 - 8 can be configured to operate with either push-
pull or open-drain drive and may also be configured to operate as GPIOs. LED drivers 9 - 11 will only
operate as open-drain drivers.
1. Direct - The LED is configured to be on or off when the corresponding input stimulus is on or off
(or inverted). The brightness of the LED can be programmed from full off to full on (default).
Additionally, the LED contains controls to individually configure ramping on, off, and turn-off delay.
2. Pulse 1 - The LED is configured to “Pulse” (transition ON-OFF-ON) a programmable number of
times with programmable rate and min / max brightness. Further, the LED can be configured to be
actuated upon a touch detection or release detection (or based on user written control registers).
3. Pulse 2 - The LED is configured to “Pulse” while actuated and then “Pulse” a programmable
number of times with programmable rate and min / max brightness when the sensor is released.
4. Breathe - The LED is configured to transition continuously ON-OFF-ON (i.e. to “Breathe”) with a
programmable rate and min / max brightness.
In addition to these four behaviors, all LED drivers support user initiated ramps and have an option to
assert the ALERT pin when the ramp has reached its maximum or minimum settings.
LED11 operates differently than the other LED outputs in three ways. First, it is configured to drive up
to two external LED channels simultaneously. Second, it is not disabled during the Sleep or Deep
Sleep states of operation (see Section 6.1). The third and final difference is it allows for different
behaviors when the device is in Fully Active state versus when the device is in Sleep or Deep Sleep
state.
5.3.1
Linking LEDs to Capacitive Touch Sensors
LEDs 1 - 7 can be optionally linked to Capacitive Touch Sensors 1-7 so that when the sensor detects
a button press, the corresponding LED will be actuated at one of the programmed responses.
LEDs 9 and 10 may be optionally linked to the Grouped Sensors to indicate a slide / tap / press and
hold in the “Up” or “Down” directions.
5.4
Capacitive Touch Sensing
The CAP1114 contains 14 independent Capacitive Touch Sensor inputs. Each sensor has dynamic
range to detect a change of capacitance due to a touch. Additionally, each sensor can be configured
to be automatically and routinely re-calibrated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com