Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF398M Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF398M
Description  Monolithic Sample-and-Hold Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF398M Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LF398M Datasheet HTML 1Page - National Semiconductor (TI) LF398M Datasheet HTML 2Page - National Semiconductor (TI) LF398M Datasheet HTML 3Page - National Semiconductor (TI) LF398M Datasheet HTML 4Page - National Semiconductor (TI) LF398M Datasheet HTML 5Page - National Semiconductor (TI) LF398M Datasheet HTML 6Page - National Semiconductor (TI) LF398M Datasheet HTML 7Page - National Semiconductor (TI) LF398M Datasheet HTML 8Page - National Semiconductor (TI) LF398M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Typical Performance Characteristics (Continued)
Logic Input Configurations
Input Bias Current
DS005692-29
Feedthrough Rejection Ratio
(Hold Mode)
DS005692-30
Hold Step vs Input Voltage
DS005692-31
Output Transient at Start
of Sample Mode
DS005692-12
Output Transient at Start
of Hold Mode
DS005692-13
TTL & CMOS
3V
≤ V
LOGIC (Hi State) ≤ 7V
DS005692-33
Threshold = 1.4V
DS005692-34
Threshold = 1.4V
*Select for 2.8V at pin 8
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com