Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5120 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5120
Description  DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5120 Datasheet(HTML) 1 Page - Texas Instruments

  TPS5120 Datasheet HTML 1Page - Texas Instruments TPS5120 Datasheet HTML 2Page - Texas Instruments TPS5120 Datasheet HTML 3Page - Texas Instruments TPS5120 Datasheet HTML 4Page - Texas Instruments TPS5120 Datasheet HTML 5Page - Texas Instruments TPS5120 Datasheet HTML 6Page - Texas Instruments TPS5120 Datasheet HTML 7Page - Texas Instruments TPS5120 Datasheet HTML 8Page - Texas Instruments TPS5120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TPS5120
DUAL OUTPUT, TWOPHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
SLVS278E – AUGUST 2000 – REVISED MARCH 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Independent Dual-Outputs Operate 180°
Out of Phase
D Wide Input Voltage Range: 4.5-V – 28-V
D Adjustable Output Voltage Down to 0.9 V
D Pin-Selectable PWM/SKIP Mode for High
Efficiency Under Light Loads
D Synchronous Buck Operation Allows up to
95% Efficiency
D Separate Standby Control and Overcurrent
Protection for Each Channel
D Programmable Short-Circuit Protection
D Low Supply (1 mA) and Shutdown (1 nA)
Current
D Power Good Output
D High-Speed Error Amplifiers
D Sequencing Easily Achieved by Selecting
Softstart Capacitor Values.
D 5-V Linear Regulator Power Internal IC
Circuitry
D 30-Pin TSSOP Packaging
description
The TPS5120 is a dual channel, high-efficiency synchronous buck controller where the outputs run 180 degrees
out of phase, which lowers the input current ripple, thereby reducing the input capacitance cost. The PWM/SKIP
pin allows the operating mode to switch from PWM mode to skip mode under light load conditions. The skip
mode enables a lower operating frequency and shortens the pulse width to the low-side MOSFET, increasing
the efficiency under light load conditions. These two modes, along with synchronous-rectifier drivers, dead time,
and very low quiescent current, allow power to be conserved and the battery life to be extended under all load
conditions. The 1.5 A (typical) high-side and low-side MOSFET drivers on-chip are designed to drive less
expensive N-channel MOSFETs. The resistorless current protection and fixed high-side driver voltage simplify
the power supply design and reduce the external parts count. Each channel is independent, offering a separate
controller, overcurrent protection, and standby control. Sequencing is flexible and can be tailored by choosing
different softstart capacitor values. Other features, such as undervoltage lockout, power good, overvoltage,
undervoltage, and programmable short-circuit protection promote system reliability.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
INV1
FB1
SOFTSTART1
PWM/SKIP
CT
5V_STBY
GND
REF
STBY1
STBY2
FLT
POWERGOOD
SOFTSTART2
FB2
INV2
LH1
OUT1_u
LL1
OUT1_d
OUTGND1
TRIP1
VCC
TRIP2
VREF5
REG5V_IN
OUTGND2
OUT2_d
LL2
OUT2_u
LH2
DBT PACKAGE
(TOP VIEW)


Similar Part No. - TPS5120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI1-TPS5120 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI2-TPS5120 Datasheet
677Kb / 27P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
REVISED MARCH 2003
TPS5120 TI2-TPS5120 Datasheet
911Kb / 24P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
REVISED APRIL 2006
TPS5120 TI2-TPS5120 Datasheet
669Kb / 26P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
REVISED APRIL 2008
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
More results

Similar Description - TPS5120

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
Dual Output or Two-Phase Synchronous Buck Controller
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com