Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2011UFDF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN2011UFDF
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2011UFDF Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN2011UFDF Datasheet HTML 1Page - Diodes Incorporated DMN2011UFDF Datasheet HTML 2Page - Diodes Incorporated DMN2011UFDF Datasheet HTML 3Page - Diodes Incorporated DMN2011UFDF Datasheet HTML 4Page - Diodes Incorporated DMN2011UFDF Datasheet HTML 5Page - Diodes Incorporated DMN2011UFDF Datasheet HTML 6Page - Diodes Incorporated DMN2011UFDF Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMN2011UFDF
Datasheet number: DS37734 Rev. 1 - 2
1 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMN2011UFDF
20V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON)
ID Max
TA = +25°C
20V
9.5m
Ω @ VGS = 4.5V
11.7A
11
mΩ @ VGS = 2.5V
10.8A
Description
This new generation MOSFET is designed to minimize the on-state
resistance (RDS(ON)) and yet maintain superior switching performance,
making it ideal for high efficiency power management applications.
Applications
General Purpose Interfacing Switch
Power Management Functions
Features
0.6mm Profile
– Ideal for Low Profile Applications
PCB Footprint of 4mm
2
Low Gate Threshold Voltage
Low On-Resistance
ESD Protected Gate
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: U-DFN2020-6 (Type F)
Case Material: Molded Plastic, ―Green‖ Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– NiPdAu over Copper Leadframe. Solderable
per MIL-STD-202, Method 208
Weight: 0.0065 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Reel Size (inches)
Quantity per Reel
DMN2011UFDF-7
U-DFN2020-6 (Type F)
7
3,000
DMN2011UFDF-13
U-DFN2020-6 (Type F)
13
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2016
2017
2018
2019
2020
2021
2022
2023
Code
D
E
F
G
H
I
J
K
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
N2 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: D = 2016)
M = Month (ex: 9 = September)
Pin1
N2
ESD PROTECTED
Equivalent Circuit
D
S
G
Gate Protection
Diode
U-DFN2020-6(Type F)
Pin1
Bottom View
Top View
Pin Out
Bottom View
e4


Similar Part No. - DMN2011UFDF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2011UFDE DIODES-DMN2011UFDE Datasheet
344Kb / 7P
Low Gate Threshold Voltage
Rev 4
DMN2011UFDE-13 DIODES-DMN2011UFDE-13 Datasheet
344Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMN2011UFDE-13 DIODES-DMN2011UFDE-13 Datasheet
344Kb / 7P
Low Gate Threshold Voltage
Rev 4
DMN2011UFDE-7 DIODES-DMN2011UFDE-7 Datasheet
344Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMN2011UFDE-7 DIODES-DMN2011UFDE-7 Datasheet
344Kb / 7P
Low Gate Threshold Voltage
Rev 4
More results

Similar Description - DMN2011UFDF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com