Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2800 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM2800
Description  HIGH POWER WHITE LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2800 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM2800 Datasheet HTML 1Page - Diodes Incorporated PAM2800 Datasheet HTML 2Page - Diodes Incorporated PAM2800 Datasheet HTML 3Page - Diodes Incorporated PAM2800 Datasheet HTML 4Page - Diodes Incorporated PAM2800 Datasheet HTML 5Page - Diodes Incorporated PAM2800 Datasheet HTML 6Page - Diodes Incorporated PAM2800 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PAM2800
Document number: DSxxxxx Rev. 1 - 3
3 of 7
www.diodes.com
October 2012
© Diodes Incorporated
PAM2800
A Product Line of
Diodes Incorporated
Typical Performance Characteristics
(@TA = +25°C, CIN =1µF, CO = 2.2µF, R1 = 62kΩ, R2 = 33kΩ, RS = 0.22Ω, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com