Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300PL Datasheet(PDF) 6 Page - 3M Electronics

Part # 300PL
Description  3M™ EMI/EMC Electronic Materials
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

300PL Datasheet(HTML) 6 Page - 3M Electronics

Back Button 300PL Datasheet HTML 2Page - 3M Electronics 300PL Datasheet HTML 3Page - 3M Electronics 300PL Datasheet HTML 4Page - 3M Electronics 300PL Datasheet HTML 5Page - 3M Electronics 300PL Datasheet HTML 6Page - 3M Electronics 300PL Datasheet HTML 7Page - 3M Electronics 300PL Datasheet HTML 8Page - 3M Electronics 300PL Datasheet HTML 9Page - 3M Electronics 300PL Datasheet HTML 10Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Problem
Solution
Higher frequencies require optimized
grounding and Faraday Cage design
Inherent bond line thickness
EMI Shielding using 3M™ Electrically Conductive Adhesive Transfer Tape (ECATT)
Poor “through tape” EMI Shielding leads to
lower EMI SE at High Frequencies.
Standard electrically conductive tape leads to
EMI leakage through bond line tape thickness.
3M ECATT 9709SL
60dB EMI Shielding
0.1mHz
50mHz
10Hz
60db
3500 µm
35 µm
1000mHZ
(1GHz)
10000mHZ
(10GHz)
Grounding Surface (R OK)
Grounding Surface (Lower Contact R)
Flex Circuit (FPC)
Flex Circuit (FPC)
Grounding Surface (R OK)
Grounding Surface (Lower Contact R)
Flex Circuit (FPC)
Flex Circuit (FPC)
3M ECATT with inherent EMI shielding at the bond line provides significantly reduced crosstalk,
stray EMI, noise in circuit, antennae effects, FPC susceptibility and spurious emissions.
At High Frequencies, the effect of “through the tape thickness”
EMI gaps or EMI slits is to allow EMI leakage. If the effective
EMI gap/slit does not = “0”, EMI energy at high frequency can
pass through a “standard conductive adhesive tape material” via
the gap related to the adhesive thickness. The “Tape Bond Line
Gap/Slit leakage effect” leads to poor EMI Shielding, cross-talk,
degraded Signal-to-Noise ratio, etc.
4
Mobile Handheld & Tablet EMI/EMC Solutions
3M ECATT 9707, 9709S
3M™ Electrically Conductive Gaskets
ECG-7050/ECG-8055/MSG-6100
3M Multi-functional EMI Shielding,
Grounding and Heat Spreading Solutions.
Hot device heat spreading & grounding, LED
heat spreading and attachment. EMI and
thermal management materials.
Flex Printed Circuit
Flex
3M ECATT 9709SL
Grounding Surface
Substrate Layer
3M Electrically Conductive Adhesive Transfer Tape
9709SL used for FPC grounding and EMI Shielding
As frequency increases, is the “bond line gap” leading to stray EMI?
(Cross talk, spurious EMI, signal degradation and noise.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com