Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3365 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3365
Description  3M??Round Conductor Flat Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3365 Datasheet(HTML) 1 Page - 3M Electronics

  3365 Datasheet HTML 1Page - 3M Electronics 3365 Datasheet HTML 2Page - 3M Electronics 3365 Datasheet HTML 3Page - 3M Electronics 3365 Datasheet HTML 4Page - 3M Electronics 3365 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MRound Conductor Flat Cable
.050" 28 AWG Stranded, PVC
3365 Series
• 28 AWG wire on .050 inch centers permits mass
termination to a broad line of IDC connectors
• Stranded wire provides flexibility and extended
product life
• Zippable for branching or discrete termination
• Available in Gray or Black
• See Regulatory Information Appendix (RIA) for
chemical compliance information
(RIA E1 & C1 apply)
Date Modified: May 7, 2009
TS-0080-B
Sheet 1 of 2
Physical
Insulation:
Material: Polyvinyl Chloride (PVC)
Color: Gray Standard or Black (see ordering information)
Marking:
Standard: None
Canadian Option:
AWM 2651 105C 300V VW1 3M NU C
AWM IA 105C 300V FT1 EU <50V
Conductors: 28 AWG, 7 × 36 [ 7 × Ø 0.127 ] Tinned Stranded Copper (89% Conductivity)
Electrical
Voltage Rating: USA: 300V
Canada: 300V
EU: <50V
Insulation Resistance: > 1 × 1010
Ω/10 ft. [ 3 m ]
Characteristic Impedance: Unbalanced
Balanced
102
Ω
172
Ω
Capacitance: 14.47 pF/ft [ 47.5 pF/m ] 8.14 pF/ft [ 26.7 pF/m ]
Inductance: 0.15 μH/ft [ 0.49 μH/m ] 0.24 μH/ft [ 0.79 μH/m ]
Propagation Delay: 1.47 ns/ft [ 4.86 ns/m ]
1.4 ns/ft [ 4.59 ns/m ]
Velocity of Propagation: 69%
73%
Note: Unbalanced is measured between ground-signal-ground conductors. Balanced is measured between conductors within a pair.
Environmental
Temperature Rating: -20°C to +105°C
Flammability Rating: USA: VW-1
Canada: FT1
UL File No.: E42769, Style No: 2651


Similar Part No. - 3365

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3365 3M-3365 Datasheet
1Mb / 5P
3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC
logo
List of Unclassifed Man...
3365 ETC2-3365 Datasheet
68Kb / 1P
WASHERS
3365 ETC-3365 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3365 HEYCO-3365 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Adafruit Industries
3365 ADAFRUIT-3365 Datasheet
244Kb / 2P
HDMI to RCA Audio and NTSC or PAL Video Adapter
More results

Similar Description - 3365

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3754 3M-3754 Datasheet
661Kb / 3P
Round Conductor Flat Cable
3365 3M-3365 Datasheet
1Mb / 5P
3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC
HF625 3M-HF625 Datasheet
917Kb / 3P
3M??Round Conductor Flat Cable
79100-075-4F1 3M-79100-075-4F1 Datasheet
821Kb / 3P
3M??Round Conductor Flat Cable for Link Connector
3625 3M-3625 Datasheet
830Kb / 6P
3M??Round Conductor Flat Cable
3609 3M-3609 Datasheet
1Mb / 5P
3M??Round Conductor Flat Cable
HF75930SF 3M-HF75930SF Datasheet
268Kb / 3P
3M Round, Jacketed, Flat Cable
M3KKK-3006J 3M-M3KKK-3006J Datasheet
1Mb / 5P
3M Round Conductor Flat Cable
3749-SERIES 3M-3749-SERIES Datasheet
956Kb / 3P
3M??Round Conductor Flat Cable
3609 3M-3609_V01 Datasheet
848Kb / 3P
3M??Round Conductor Flat Cable .025 30 AWG Stranded, FEP
October 31, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com