Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3361 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS3361
Description  Alternator Voltage Regulator FET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3361 Datasheet(HTML) 4 Page - ON Semiconductor

  CS3361 Datasheet HTML 1Page - ON Semiconductor CS3361 Datasheet HTML 2Page - ON Semiconductor CS3361 Datasheet HTML 3Page - ON Semiconductor CS3361 Datasheet HTML 4Page - ON Semiconductor CS3361 Datasheet HTML 5Page - ON Semiconductor CS3361 Datasheet HTML 6Page - ON Semiconductor CS3361 Datasheet HTML 7Page - ON Semiconductor CS3361 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CS3361
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (−40
°C < TA < 125°C, −40°C < TJ < 150°C, 9.0 V ≤ VCC ≤ 17 V; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Supply
Supply Current Enabled
−
−
−
10
mA
Supply Current Disabled
−
−
−
50
μA
Driver Stage
Output High Voltage
−
5.5
−
12
V
Output Low Voltage
IOL = 25 μA
−
−
0.35
V
Output High Current
VDD = 1.2 V
−10
−6.0
−4.0
mA
Minimum ON Time
COSC = 0.022 μF
200
−
−
μs
Minimum Duty Cycle
−
−
6.0
10
%
Short Circuit Duty Cycle
−
1.0
−
5.0
%
Field Switch Turn On
Rise Time
−
15
−
75
μs
Field Switch Turn On
Fall Time
−
15
−
75
μs
Stator
Input High Voltage
−
10
−
−
V
Input Low Voltage
−
−
−
6.0
V
Stator Time Out
High to Low
6.0
100
600
ms
Lamp
Output High Current
VLAMP @ 3.0 V
−
−
50
μA
Output Low Voltage
ILAMP @ 30 mA
−
−
0.35
V
Ignition
Input High Voltage
ICC > 1.0 mA
1.8
−
−
V
Input Low Voltage
ICC < 100 μA
−
−
0.5
V
Oscillator
Oscillator Frequency
COSC = 0.022 μF
90
−
210
Hz
Rise Time/Fall Time
COSC = 0.022 μF
−
17
−
−
Oscillator High Threshold
COSC = 0.022 μF
−
−
4.5
V
Battery Sense
Input Current
−
−10
−
+10
μA
Regulation Voltage
@25
°C, R1 = 100 kΩ, R2 = 50 kΩ
13.8
−
15.8
V
Proportional Control
−
0.10
−
0.25
V
High Voltage Threshold Ratio
VHigh Voltage@LampOn
VRegulation@50%Duty Cycle
1.083
−
1.190
V/V
High Voltage Hysteresis
−
0.020
−
0.600
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com