Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1042 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1042
Description  Fluid Level Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1042 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM1042 Datasheet HTML 1Page - National Semiconductor (TI) LM1042 Datasheet HTML 2Page - National Semiconductor (TI) LM1042 Datasheet HTML 3Page - National Semiconductor (TI) LM1042 Datasheet HTML 4Page - National Semiconductor (TI) LM1042 Datasheet HTML 5Page - National Semiconductor (TI) LM1042 Datasheet HTML 6Page - National Semiconductor (TI) LM1042 Datasheet HTML 7Page - National Semiconductor (TI) LM1042 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Application Notes
THERMO-RESISTIVE PROBES
OPERATION AND
CONSTRUCTION
These probes work on the principle that when power is dis-
sipated within the probe the rise in probe temperature is
dependent on the thermal resistance of the surrounding ma-
terial and as air and other gases are much less efficient
conductors of heat than liquids such as water and oil it is
possible to obtain a measurement of the depth of immersion
of such a probe in a liquid medium This principle is illustrat-
ed in
Figure 1
TLH8709 – 4
FIGURE 1
During the measurement period a constant current drive I is
applied to the probe and the voltage across the probe is
sampled both at the start and just before the end of the
measurement period to give DV RTH Air and RTH Oil repre-
sent the different thermal resistances from probe to ambient
in air or oil giving rise fo temperature changes DT1 and DT2
respectively As a result of these temperature changes the
probe resistance will change by DR1 or DR2 and give corre-
sponding voltage changes DV1 or DV2 per unit length
Hence
D
V e
LA
L
D
V1 a
(L b LA)
L
D
V2
and for DV1 l DV2 RTH Air l RTH Oil DV will increase as
the probe length in air increases For best results the probe
needs to have a high temperature coefficient and low ther-
mal time constant One way to achieve this is to make use
of resistance wires held in a suitable support frame allowing
free liquid access Nickel cobalt iron alloy resistance wires
are available with resistivity 50 mXcm and 3300 ppm tem-
perature coefficient which when made up into a probe with 4
c
2 cm 008 mm diameter strands between supports (10
cm total) can give the voltage vs time curve shown in
Figure
2 for 200 mA probe current The effect of varying the probe
current is shown in
Figure 3 To avoid triggering the probe
failure detection circuits the probe voltage must be between
07V and 53V (VREG b 6V) hence for 200 mA the permis-
sible probe resistance range is from 35X to 24X The ex-
ample given has a resistance at room temperature of 9X
which leaves plenty of room for increase during measure-
ments and changes in ambient temperature
Various arrangements of probe wire are possible for any
given wire gauge and probe current to suit the measurement
range required some examples are illustrated schematically
in
Figure 4 Naturally it is necessary to reduce the probe
TLH8709 – 5
FIGURE 2
current with very fine wires to avoid excessive heating and
this current may be optimized to suit a particular type of
wire The temperature changes involved will give rise to no-
ticeable length changes in the wire used and more sophisti-
cated holders with tensioning devices may be devised to
allow for this
TLH8709 – 6
FIGURE 3
Probes need not be limited to resistance wire types as any
device with a positive temperature coefficient and sufficient-
ly low thermal resistance to the encapsulation so as not to
mask the change due to the different surrounding mediums
could be used Positive temperature coefficient thermistors
are a possibility and while their thermal time constant is like-
ly to be longer than wire the measurement time may be
increased by changing CT to suit
TLH8709 – 7
FIGURE 4
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com